Electronic Components Datasheet Search
  English  ▼

X  

RFFM6907 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM6907
Description  2.8V to 4.0V, 915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6907 Datasheet(HTML) 6 Page - RF Micro Devices

  RFFM6907 Datasheet HTML 1Page - RF Micro Devices RFFM6907 Datasheet HTML 2Page - RF Micro Devices RFFM6907 Datasheet HTML 3Page - RF Micro Devices RFFM6907 Datasheet HTML 4Page - RF Micro Devices RFFM6907 Datasheet HTML 5Page - RF Micro Devices RFFM6907 Datasheet HTML 6Page - RF Micro Devices RFFM6907 Datasheet HTML 7Page - RF Micro Devices RFFM6907 Datasheet HTML 8Page - RF Micro Devices RFFM6907 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Revision DS20150612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
6 of 9
RFFM6907
RFMD + TriQuint = Qorvo
Application Schematic
CTL1
VCC
CTL2
CTL4
J2
ANT2
50Ω µstrip
CTL3
50Ω µstrip
J3
TX
U1
RFFM6907
9
10
11
12
13
28
27
26
25
24
2
3
4
5
6
21
20
19
18
17
1
23
22
14
7
8
16
15
50Ω µstrip
J4
RX
J1
ANT1
50Ω µstrip
C5
100nF
(0201)
C1
100nF
(0201)
C2
100nF
(0201)
C3
100nF
(0201)
C4
100nF
(0201)
ENABLE
PA_VCC
C6
100nF
(0201)
C7
100nF
(0201)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com