Electronic Components Datasheet Search
  English  ▼

X  

RFFM6907 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFM6907
Description  2.8V to 4.0V, 915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6907 Datasheet(HTML) 7 Page - RF Micro Devices

  RFFM6907 Datasheet HTML 1Page - RF Micro Devices RFFM6907 Datasheet HTML 2Page - RF Micro Devices RFFM6907 Datasheet HTML 3Page - RF Micro Devices RFFM6907 Datasheet HTML 4Page - RF Micro Devices RFFM6907 Datasheet HTML 5Page - RF Micro Devices RFFM6907 Datasheet HTML 6Page - RF Micro Devices RFFM6907 Datasheet HTML 7Page - RF Micro Devices RFFM6907 Datasheet HTML 8Page - RF Micro Devices RFFM6907 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Revision DS20150612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
7 of 9
RFFM6907
RFMD + TriQuint = Qorvo
Pin Out
1
2
3
4
5
6
7
8
9
10
17
11
12
13
14
15
16
28
27
GND
ANT2
GND
GND
TX
GND
26
18
19
20
21
23
24
25
RX
GND
ANT1
GND
GND
GND
GND
GND
22
GND
GND
Package Outline and Branding Drawing (Dimensions in millimeters)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com