Electronic Components Datasheet Search
  English  ▼

X  

RFFM6907 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6907
Description  2.8V to 4.0V, 915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6907 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6907 Datasheet HTML 1Page - RF Micro Devices RFFM6907 Datasheet HTML 2Page - RF Micro Devices RFFM6907 Datasheet HTML 3Page - RF Micro Devices RFFM6907 Datasheet HTML 4Page - RF Micro Devices RFFM6907 Datasheet HTML 5Page - RF Micro Devices RFFM6907 Datasheet HTML 6Page - RF Micro Devices RFFM6907 Datasheet HTML 7Page - RF Micro Devices RFFM6907 Datasheet HTML 8Page - RF Micro Devices RFFM6907 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision DS20150612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 9
RFMD + TriQuint = Qorvo
RFFM6907
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 is a front end module (FEM) intended for 868MHz to
930MHz AMI/AMR systems. This module provides separate ports
for Rx and Tx paths. The Tx section provides a single stage PA
with minimum output power of 30dBm and gain of 14.5dB. The
Rx is a pass through. Both are combined to diversity antenna port
with a DP2T switch. The device is provided in a 5.5mm x 5.0mm,
28-pin package.
1
2
3
4
5
6
7
8
9
10
17
11
12
13
14
15
16
28
27
GND
ANT2
GND
GND
TX
GND
26
18
19
20
21
23
24
25
RX
GND
ANT1
GND
GND
GND
GND
GND
22
GND
GND
pHEMT RF
Switch
Functional Block Diagram
Ordering Information
RFFM6907SB
Standard 5-piece bag
RFFM6907SQ
Standard 25-piece bag
RFFM6907SR
Standard 100-pieces reel
RFFM6907TR13
Standard 2500-pieces reel
RFFM6907PCK-410
Fully assembled eval board w/5-piece sample bag
Package: LGA, 28-pin,
5.5mm x 5.0mm x 1.175mm
Features
■ Tx Output Power: 30dBm
■ Tx Gain: 14.5dB
■ Rx Insertion Loss: 0.6dB
■ Antenna Diversity Switch
■ Module Transmit Efficiency 50%
Applications
■ Wireless Automated Metering
■ Wireless Alarm Systems
■ Portable Battery Powered
■ Equipment
■ Smart Energy
RFFM6907


Similar Part No. - RFFM6907

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907PCK-410 QORVO-RFFM6907PCK-410 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907SB QORVO-RFFM6907SB Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907SQ QORVO-RFFM6907SQ Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907SR QORVO-RFFM6907SR Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
More results

Similar Description - RFFM6907

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com