Electronic Components Datasheet Search
  English  ▼

X  

RFFM8504 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8504
Description  4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8504 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8504 Datasheet HTML 1Page - RF Micro Devices RFFM8504 Datasheet HTML 2Page - RF Micro Devices RFFM8504 Datasheet HTML 3Page - RF Micro Devices RFFM8504 Datasheet HTML 4Page - RF Micro Devices RFFM8504 Datasheet HTML 5Page - RF Micro Devices RFFM8504 Datasheet HTML 6Page - RF Micro Devices RFFM8504 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
RFFM8504
DS130723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
-0.5 to +5.4
VDC
PA Enable Voltage
-0.5 to 5
VDC
DC Supply Current
500
mA
Maximum Tx and Rx Input Power into 50
Ω
Load for
11a/n/ac (No Damage)
+12
dBm
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL1
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance: 802.11a, 802.11n,
802.11ac
4.9GHz to 5.85GHz Only
Operating Frequency
5.15
5.85
GHz
Extended Frequency
4.9
5.15
GHz
Functional with derated performance
Input and Output Port Impedance
50
Ω
Operating Temperature
-30
+85
°C
Power Supply VCC
33.6
4.2
V
Switch Control Voltage - VTX High
2.75
2.9
4.2
V
TX switch On at high control voltage
Switch Control Voltage - VTX Low
0.1
0.4
V
RX switch On with low control voltage
PA_Enable High
2.75
2.9
4.2
V
PA in “On” state
PA_Enable Low
0.1
0.4
V
PA in “Off” state, Do not leave floating
Transmit (TX-ANT) Mode
VCC = 3.6V; VTX = High, Temperature = 25°C;
Unless otherwise noted
Gain (5.15GHz to 5.85GHz)
25.5
29
dB
20MHz Output Power*
19
dBm
802.11ac HT20 MCS7
11ac 20MHz Dynamic EVM
-33
-30
dB
2.2
3.2
%
40MHz Output Power*
18
dBm
802.11ac VHT40 MCS9
11ac 40MHz Dynamic EVM
-36
-35
dB
1.5
1.8
%
80MHz Output Power*
17
dBm
802.11ac VHT80 MCS9
11ac 80MHz Dynamic EVM
-36
-35
dB
1.5
1.8
%
80MHz Output Power*
13.5
dBm
802.11ac VHT80 MCS9
11ac 80MHz Dynamic EVM
-40
dB
1.0
%
Spectral Mask 20MHz Output Power*
22
dBm
802.11ac HT20 with 3dB margin
Spectral Mask 40MHz Output Power*
21
dBm
802.11ac VHT40 with 3dB margin
Spectral Mask 80MHz Output Power*
20
dBm
802.11ac VHT80 with 3dB margin
Operating Current - Nominal
270
310
mA
POUT = 19dBm
* For 4900MHz to 5150MHz, POUT is degraded by 1dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
65/EURFMD Green: RoHS compliant per EU Directive 2011/65/EU, halogen
free per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com