Electronic Components Datasheet Search
  English  ▼

X  

RFFM8504 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM8504
Description  4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8504 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM8504 Datasheet HTML 1Page - RF Micro Devices RFFM8504 Datasheet HTML 2Page - RF Micro Devices RFFM8504 Datasheet HTML 3Page - RF Micro Devices RFFM8504 Datasheet HTML 4Page - RF Micro Devices RFFM8504 Datasheet HTML 5Page - RF Micro Devices RFFM8504 Datasheet HTML 6Page - RF Micro Devices RFFM8504 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
RFFM8504
DS130723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Second Harmonic
-40
dBm
Fundamental frequency is between 4900MHz and
5850MHz; RF POUT =19dBm; measured in 1MHz
resolution bandwidth (FCC limit max = -30dBm)
Third Harmonic
-40
dBm
PA Selectivity/Out of Band Gain
30MHz to 2900MHz
-6
dB
3600MHz to 4400MHz
19
dB
7250MHz to 7750MHz
20
dB
Tx Port Return Loss
10
12
dB
ANT Port Return Loss
12
15
dB
Noise Figure
6
dB
Receive (ANT-RX) Receive Data
VCC = 3.6V; VTX = Low, Temperature = 25°C;
Unless otherwise noted
Insertion Loss
0.9
dB
RX Port Return Loss
12
15
dB
ANT Port Return Loss
12
15
dB
TX - RX Isolation
21
dB
General Specifications
Switch Control Current - High
2
μA
Switch Control Current - Low
0.1
μA
Do not leave floating
PAEN Current - All Conditions
30
μA
FEM Leakage - Nominal
4
10
μA
RF = Off; PAEN = Low; VTX = Low
Turn-On time from PA_EN edge
300
ns
Output stable within 90% of final gain
Turn-Off time from PA_EN edge
300
ns
Output stable within 90% of final gain
Switching Speed
200
ns
ESD - Human Body Model
1000
V
EIA/JESD22-114A all pins
ESD - Charge Device Model
1000
V
EIA/JESD22-101C all pins
PA Mode of Operation
Switch Mode of Operation
PA Mode
PAEN
Switch Mode
VTX
Enable
High
Transmit
High
Disable
Low
Receive
Low



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com