Electronic Components Datasheet Search
  English  ▼

X  

RFFM8504 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8504
Description  4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8504 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8504 Datasheet HTML 1Page - RF Micro Devices RFFM8504 Datasheet HTML 2Page - RF Micro Devices RFFM8504 Datasheet HTML 3Page - RF Micro Devices RFFM8504 Datasheet HTML 4Page - RF Micro Devices RFFM8504 Datasheet HTML 5Page - RF Micro Devices RFFM8504 Datasheet HTML 6Page - RF Micro Devices RFFM8504 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
1
VCC
NC
VCC
NC
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VCC
NC
RX
NC
RFFM8504
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi
FRONT END MODULE
The RFFM8504 provides a complete integrated solution in a single front
end module (FEM) for 4.9GHz to 5.85GHz WiFi 802.11a/n/ac systems.
The ultra-small form factor and integrated matching minimizes the layout
area in the customer's application and greatly reduces the number of
external components. This simplifies the total front end solution by reduc-
ing the bill of materials, system footprint, and manufacturability cost. The
RFFM8504 integrates a power amplifier (PA) and single-pole double-throw
switch (SP2T). The device is provided in a 2.5mm x 2.5mm x 0.45mm, 16-
pin QFN package. This module meets or exceeds the RF front end needs
of IEEE 802.11a/n/ac WiFi RF systems.
Features
Small Size
High Performance FEM
Excellent Linearity
Input and Output Matched to
50
Ω
POUT = 17.5dBm, 11ac,
80MHz MCS9 at -36dB
(1.5%) EVM
Integrated 5GHz PA and SP2T
Switch
Low Height Package, Suited
for SiP and CoB Designs
Applications
Cellular Handsets
Mobile Devices
Tablets
Consumer Electronics
Gaming
Netbooks/Notebooks
TV/Monitors/Video
RFFM8504SQ
Standard 25-piece sample bag
RFFM8504SR
Standard 100-piece reel
RFFM8504TR7
Standard 2500-piece reel
RFFM8504PCK-410 Fully assembled evaluation board with 5-piece bag
DS130723
Package: QFN, 16-pin, 2.5mm x 2.5mm x 0.45mm


Similar Part No. - RFFM8504

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QPCBA-410 RFMD-RFFM8500QPCBA-410 Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSQ RFMD-RFFM8500QSQ Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSR RFMD-RFFM8500QSR Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
More results

Similar Description - RFFM8504

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com