Electronic Components Datasheet Search
  English  ▼

X  

RFMD2080TR13 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RFMD2080TR13
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080TR13 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RFMD2080TR13 Datasheet HTML 11Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 12Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 13Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 14Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 15Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 16Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 17Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 18Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 19Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: IQ Modulator
VDD = +3V and TA = +27°C unless stated otherwise, as measured on RFMD2080 evaluation board. I and Q Input
Level 1VP-P differential with +1.15V DC bias. DC bias current setting in modulator core, moddc = 4.
-32.0
-24.0
-16.0
-8.0
0.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Baseband Frequency (MHz)
Baseband Input Bandwidth
Versus "rctune" Setting, Voltage & Temperature
-40DegC, +3.0V, rctune=0
-40DegC, +3.0V, rctune=63
-40DegC, +3.3V, rctune=0
-40DegC, +3.3V, rctune=63
+27DegC, +3.0V, rctune=0
+27DegC, +3.0V, rctune=63
+27DegC, +3.3V, rctune=0
+27DegC, +3.3V, rctune=63
+85DegC, +3.0V, rctune=0
+85DegC, +3.0V, rctune=63
+85DegC, +3.3V, rctune=0
+85DegC, +3.3V, rctune=63
-20.0
-15.0
-10.0
-5.0
0.0
0.1
1.0
10.0
Baseband Frequency (MHz)
Baseband Input Bandwidth
"rctune" Setting; +3.0V; +27C
rctune=0
rctune=8
rctune=16
rctune=24
rctune=32
rctune=40
rctune=48
rctune=56
rctune=63
135.0
140.0
145.0
150.0
155.0
160.0
165.0
10.0
100.0
1000.0
10000.0
Output Frequency (MHz)
Typical Supply Current
+1.3V Input Bias; Moddc=4
85DegC, 3.0V
85DegC, 3.3V
27DegC, 3.0V
27DegC, 3.3V
-40DegC, 3.0V
-40DegC, 3.3V
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
Output Frequency (MHz)
Modulator Output Frequency Response
Versus Shunt Matching Inductor Value
Unmatched
27nH Shunt
15nH Shunt
8.2nH Shunt
3.9nH Shunt
2.7nH Shunt
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
Output Frequency (MHz)
Modulator Typical Performance
Linearity, Output Unmatched
Wanted Signal
Output P1dB
Output IP3
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
Output Frequency (MHz)
Modulator Typical Performance
I & Q Unadjusted, Output Unmatched
Wanted Signal
Sideband Suppression
LO Suppression
IM3 Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com