Electronic Components Datasheet Search
  English  ▼

X  

RFMD2080TR13 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFMD2080TR13
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080TR13 Datasheet(HTML) 5 Page - RF Micro Devices

  RFMD2080TR13 Datasheet HTML 1Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 2Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 3Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 4Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 5Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 6Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 7Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 8Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
The RFMD2080 is a wideband IQ modulator with integrated fractional-N synthesizer and a low noise VCO core. It features a
high accuracy LO quadrature divider followed by buffer circuits which drive the I and Q mixers of the modulator with the quadra-
ture LO signals. The RFMD2080 has an integrated voltage reference and low drop out regulators supplying critical circuit
blocks such as the VCOs and synthesizer. Synthesizer programming, device configuration and control are achieved through a
mixture of hardware and software controls. All on-chip registers are programmed through a simple three-wire serial interface.
VCO
The VCO core in the RFMD2080 consists of three VCOs which, in conjunction with the integrated LO dividers of /1 to /32, cover
the frequency range of 90MHz to 5400MHz. The modulator quadrature divider provides a further fixed divide by two to give the
center frequency range at the modulator output of 45MHz to 2700MHz.
Each VCO has 128 overlapping bands which are used to achieve low VCO gain and optimal phase noise performance across
the whole tuning range. The chip automatically selects the correct VCO (VCO auto-select) and the correct VCO band (VCO
coarse tuning) to generate the desired LO frequency based on the values programmed into the PLL1 and PLL2 registers banks.
The VCO auto-select and VCO coarse tuning are triggered every time ENBL is taken high, or if the PLL re-lock self clearing bit is
programmed high. Once the correct VCO and band have been selected the PLL will lock onto the correct frequency. During the
band selection process fixed capacitance elements are progressively connected to the VCO resonant circuit until the VCO is
oscillating at approximately the correct frequency. The output of this band selection, CT_CAL, is made available in the read-
back register. If this was unsuccessful it will be indicated by the CT_FAILED flag also available in the read-back register. A value
between 1 and 126 indicates a successful calibration, the actual value being dependent on the desired frequency as well as
process variation for a particular device.
The band select process will center the VCO tuning voltage at about 0.8V, compensating for manufacturing tolerances and pro-
cess variation as well as environmental factors including temperature. In applications where the device is left enabled at the
same LO frequency for some time it is recommended that automatic band selection be performed for every 30°C change in
temperature. This assumes an active loop filter.
The RFMD2080 features a differential LO input to allow the mixer to be driven from an external LO source. The fractional-N PLL
can be used with an external VCO driven into this LO input, which may be useful to reduce phase noise in some applications.
This may also require an external op-amp, dependant on the tuning voltage required by the external VCO.
Fractional-N PLL
The RFMD2080 contains a charge-pump based fractional-N phase locked loop (PLL) for controlling the three VCOs. The PLL
includes automatic calibration systems to counteract the effects of process and environmental variations, ensuring repeatable
loop response and phase noise performance. As well as the VCO auto-select and coarse tuning, there is a loop filter calibration
mechanism which can be enabled if required. This operates by adjusting the charge pump current to maintain loop bandwidth.
This can be useful for applications where the LO is tuned over a wide frequency range.
The PLL has been designed to use a reference frequency of between 10MHz and 104MHz from an external source, which is
typically a temperature controlled crystal oscillator (TCXO). A reference divider (divide by 1 to divide by 7) is supplied and
should be programmed to limit the frequency at the phase detector to a maximum of 52MHz.
Two PLL programming banks are provided, the first bank is preceded by the label PLL1 and the second bank is preceded by the
label PLL2. The active register bank is selected by the state of the MODE pin, low for PLL1 and high for PLL2.
The VCO outputs are first divided down in a high frequency prescalar. The output of this high frequency prescalar then enters
the N divider, which is a fractional divider containing a dual-modulus prescalar and a digitally spur-compensated fractional
sequence generator. This allows very fine frequency steps and minimizes fractional spurs. The fractional energy is shaped and
appears as fractional noise at frequency offsets above 100KHz which will be attenuated by the loop filter. An external loop filter
is used, giving flexibility in setting loop bandwidth for optimizing phase noise and lock time, for example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com