Electronic Components Datasheet Search
  English  ▼

X  

RFMD2080TR13 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFMD2080TR13
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080TR13 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFMD2080TR13 Datasheet HTML 5Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 6Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 7Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 8Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 9Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 10Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 11Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 12Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Hardware Control
Three hardware control pins are provided: ENBL, MODE, and RESETX.
The ENBL pin has two functions: to enable the analog circuits in the chip and to trigger the VCO auto-selection and coarse tun-
ing mechanisms. The VCO auto-selection and coarse tuning are initiated when the ENBL pin is taken high. Every time the fre-
quency of the synthesizer is reprogrammed, ENBL has to be asserted high to initiate these mechanisms and then to initiate the
PLL locking. Alternatively following the programming of a new frequency the PLL re-lock self clearing bit could be used.
If the device is left in the enabled state for long periods, it is recommended that VCO auto-selection and coarse tuning (band
selection) is performed for every 30°C change in temperature. The lock detect flag can be used to indicate when to perform
the VCO calibration; it shows that the VCO tuning voltage has drifted significantly with changing temperature.
The RESETX pin is a hardware reset control that will reset all digital circuits to their startup state when asserted low. The device
includes a power-on-reset function, so this pin should not normally be required, in which case it should be connected to the
positive supply.
The MODE pin controls which PLL programming register bank is active.
Serial Data Interface Control
The normal mode of operation uses the 3-wire serial data interface to program the device registers, and three extra hardware
control lines; MODE, ENBL and RESETX.
When the device is under software control, achieved by setting the SIPIN bit in the SDI_CTRL register high, then the hardware
can be controlled via the SDI_CTRL register. When this is the case, the MODE and ENBL control lines are not required. If the
device is under software control, pins 1 and 9 can be configured as general purpose outputs (GPO).
Multi-Slice Mode
The Multi-Slice mode of operation allows up to four chips to be controlled from a common serial bus. The device address pins,
(15 and 16) ADD1 and ADD2, are used to set the address of each part.
On power up, and after a Reset, the devices ignore the address pins ADD1 and ADD2 and any data presented to the serial bus
will be programmed into all the devices. However, once the 'ADDR' bit in the SDI_CTRL register is set each device then adopts
an address according to the state of the address pins on the device.
General Purpose Outputs
The general purpose outputs (GPOs) can be controlled via the GPO register, and will depend on the state of MODE since they
can be set in different states corresponding to either path 1 or 2. The GPOs can be used for example to drive LEDs, or to con-
trol external circuitry such as switches or low power LNAs.
Slice 2
(0)
Slice2
(1)
Slice2
(2)
Slice2
(3)
A1 A2
ENX
SDATA
SCLK
Vdd
Vdd
Vdd
Vdd
A1 A2
A1 A2
A1 A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com