Electronic Components Datasheet Search
  English  ▼

X  

LTC6945 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6945
Description  Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6945_15 Datasheet HTML 8Page - Linear Technology LTC6945_15 Datasheet HTML 9Page - Linear Technology LTC6945_15 Datasheet HTML 10Page - Linear Technology LTC6945_15 Datasheet HTML 11Page - Linear Technology LTC6945_15 Datasheet HTML 12Page - Linear Technology LTC6945_15 Datasheet HTML 13Page - Linear Technology LTC6945_15 Datasheet HTML 14Page - Linear Technology LTC6945_15 Datasheet HTML 15Page - Linear Technology LTC6945_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC6945
12
6945fa
For more information www.linear.com/LTC6945
operaTion
Figure 5. Simplified Charge Pump Schematic
CHARGE PUMP
The charge pump, controlled by the PFD, forces sink
(DOWN) or source (UP) current pulses onto the CP pin,
which should be connected to an appropriate loop filter.
SeeFigure5forasimplifiedschematicofthechargepump.
as for loops using negative-slope tuning oscillators, or
invertingopampsinconjunctionwithpositive-slopetuning
oscillators. A passive loop filter as shown in Figure 15,
used in conjunction with a positive-slope VCO, requires
CPINV = 0.
CHARGE PUMP FUNCTIONS
The charge pump contains additional features to aid
in system start-up and monitoring. See Table 6 for a
summary.
Table 6. CP Function Bit Descriptions
BIT
DESCRIPTION
CPCHI
Enable High Voltage Output Clamp
CPCLO
Enable Low Voltage Output Clamp
CPDN
Force Sink Current
CPINV
Invert PFD Phase
CPMID
Enable Mid-Voltage Bias
CPRST
Reset PFD
CPUP
Force Source Current
CPWIDE
Extend Current Pulse Width
THI
High Voltage Clamp Flag
TLO
Low Voltage Clamp Flag
The CPCHI and CPCLO bits found in register h0A enable
the high and low voltage clamps, respectively. When
CPCHI is enabled and the CP pin voltage exceeds ap-
proximately VCP+ – 0.9V, the THI status flag is set, and
the charge pump sourcing current is disabled. Alternately,
when CPCLO is enabled and the CP pin voltage is less
than approximately 0.9V, the TLO status flag is set, and
the charge pump sinking current is disabled. See Figure
5 for a simplified schematic.
The CPMID bit also found in register h0A enables a
resistive VCP+/2 output bias which may be used to pre-
bias troublesome loop filters into a valid voltage range
before attempting to lock the loop. When using CPMID,
it is recommended to also assert the CPRST bit, forcing
a PFD reset. Both CPMID and CPRST must be set to “0”
for normal operation.
The CPUP and CPDN bits force a constant ICP source or
sink current, respectively, on the CP pin. The CPRST bit
may also be used in conjunction with the CPUP and CPDN
25
CP
THI
0.9V
VCP+
VCP+
TLO
+–
0.9V
6945 F05
+–
VCP+/2
CPMID
CPUP
UP
CPDN
DOWN
TheoutputcurrentmagnitudeICPmaybesetfrom250µAto
11.2mA using the CP[3:0] bits found in serial port register
h09. A larger ICP can result in lower in-band noise due to
the lower impedance of the loop filter components. See
Table 5 for programming specifics and the Applications
Information section for loop filter examples.
Table 5. CP[3:0] Programming
CP[3:0]
ICP
0
250µA
1
350µA
2
500µA
3
700µA
4
1.0mA
5
1.4mA
6
2.0mA
7
2.8mA
8
4.0mA
9
5.6mA
10
8.0mA
11
11.2mA
12 to 15
Invalid
The CPINV bit found in register h0A should be set for ap-
plications requiring signal inversion from the PFD, such



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com