Electronic Components Datasheet Search
  English  ▼

X  

LTC6945 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC6945
Description  Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC6945_15 Datasheet HTML 20Page - Linear Technology LTC6945_15 Datasheet HTML 21Page - Linear Technology LTC6945_15 Datasheet HTML 22Page - Linear Technology LTC6945_15 Datasheet HTML 23Page - Linear Technology LTC6945_15 Datasheet HTML 24Page - Linear Technology LTC6945_15 Datasheet HTML 25Page - Linear Technology LTC6945_15 Datasheet HTML 26Page - Linear Technology LTC6945_15 Datasheet HTML 27Page - Linear Technology LTC6945_15 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC6945
28
6945fa
For more information www.linear.com/LTC6945
LINEAR TECHNOLOGY CORPORATION 2011
LT 0315 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC6945
relaTeD parTs
Typical applicaTion
LTC6945 Wideband Point-to-Point Radio Local Oscillator
VVCO+
GND
GND
GND
GND
GND
VCO+
VCO–
VREFO+
REFO
STAT
CS
SCLK
SDI
SDO
VD+
MUTE GND RF–
GND
LTC6945
O_DIV = 2
RF+ VRF+ BB
REF–
3.3V
0.1µF
100MHz
REF
REF+ VREF+ CP VCP+ GND
0.01µF
100pF
1.0µF
18.3nF
LT1678IS8
113
4.99k
51.1
4.99k
230nF
1µF
1µF
0.1µF
0.1µF
47µF
3.3V
3.3V
SPI BUS
0.1µF
0.01µF
68nH
68nH
3.3V
3.3V
LO OUT
4900MHz TO 5900MHz
IN STEPS OF 5MHz
3.3V
100pF
50
100pF
4.7nF
5V RFMD
UMZ-T2-227-O16-G
100pF
6945 TA03a
5V
0.1µF
0.1µF
LOOP BANDWIDTH = ~21.4kHz
11V
5V
3.3V
100
VTUNE
+
–
Radio Local Oscillator
Phase Noise, fRF = 5725MHz
OFFSET FREQUENCY (Hz)
–140
–130
–110
–90
–80
100
10k
100k
10M 40M
6945 TA03b
–150
1k
1M
–100
–120
–160
RMS NOISE = 0.47°
RMS JITTER = 230fs
fPFD = 5MHz
BW = 21kHz
PART NUMBER DESCRIPTION
COMMENTS
LTC6946
Ultralow Noise and Spurious Integer-N Synthesizer with VCO 370MHz to 6.4GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor
LTC6947
Ultralow Noise and Spurious Fractional-N Synthesizer
350MHz to 6GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor
LTC6948
Ultralow Noise and Spurious Frac-N Synthesizer with VCO
370MHz to 6.4GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor
LTC6950
Low Phase Noise and Spurious Integer-N PLL Core with Five
Output Clock Distribution and EZSync
1.4GHz Max VCO Frequency, Additive Jitter <20fsRMS, –226dBc/Hz
Normalized In-Band Phase Noise Floor
LTC6957
Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
Optimized Conversion of Sine Waves to Logic Levels, LVPECL/LVDS/
CMOS
LTC2000
16-/14-/11-Bit 2.5Gsps DAC
Superior 80dBc SFDR at 70MHz Output, 40mA Nominal Drive and High
Linearity
LTC5569
Broadband Dual Mixer
300MHz to 4GHz, 26.8dBm IIP3, 2dB Gain, 11.7dB NF, 600mW Power
LTC5588-1
Ultrahigh OIP3 I/Q Modulator
200MHz to 6GHz, 31dBm OIP3, –160.6dBm/Hz Noise Floor
LT®5575
Direct Conversion I/Q Demodulator
800MHz to 2.7GHz, 22.6dBm IIP3, 60dBm IIP2, 12.7dB NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com