Electronic Components Datasheet Search
  English  ▼

X  

LTC6945 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6945
Description  Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 2 Page - Linear Technology

  LTC6945_15 Datasheet HTML 1Page - Linear Technology LTC6945_15 Datasheet HTML 2Page - Linear Technology LTC6945_15 Datasheet HTML 3Page - Linear Technology LTC6945_15 Datasheet HTML 4Page - Linear Technology LTC6945_15 Datasheet HTML 5Page - Linear Technology LTC6945_15 Datasheet HTML 6Page - Linear Technology LTC6945_15 Datasheet HTML 7Page - Linear Technology LTC6945_15 Datasheet HTML 8Page - Linear Technology LTC6945_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6945
2
6945fa
For more information www.linear.com/LTC6945
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
V+ (VREF+, VREFO+, VRF+, VVCO+, VD+) to GND ......3.6V
VCP+ to GND.........................................................5.5V
Voltage on CP Pin .................GND – 0.3V to VCP+ + 0.3V
Voltage on All Other Pins ..........GND – 0.3V to V+ + 0.3V
Operating Junction Temperature Range, TJ (Note 2)
LTC6945I ............................................... –40°C to 105°C
Junction Temperature, TJMAX................................ 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
9 10
TOP VIEW
29
GND
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VREFO+
REFO
STAT
CS
SCLK
SDI
SDO
VD+
VVCO+
GND
GND
GND
GND
GND
VCO+
VCO–
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJCbottom = 3°C/W, θJCtop = 26°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING PACKAGE DESCRIPTION
JUNCTION TEMPERATURE RANGE
LTC6945IUFD#PBF
LTC6945IUFD#TRPBF
6945
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Inputs (REF+, REF–)
fREF
Input Frequency
l
10
250
MHz
VREF
Input Signal Level
Single-Ended, 1µF AC-Coupling Capacitors
l
0.5
2
2.7
VP-P
Input Slew Rate
l
20
V/µs
Input Duty Cycle
50
%
Self-Bias Voltage
l
1.65
1.85
2.25
V
Input Resistance
Differential
l
6.2
8.4
11.6
kΩ
Input Capacitance
Differential
3
pF
Reference Output (REFO)
fREFO
Output Frequency
l
10
250
MHz
PREFO
Output Power
fREFO = 10MHz, RLOAD = 50Ω
l
–0.2
3.2
dBm
Output Impedance, Disabled
800
Ω
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VREF0+ = VD+ = VRF+ = VVCO+ = 3.3V, VCP+ = 5V unless
otherwise specified. All voltages are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com