Electronic Components Datasheet Search
  English  ▼

X  

RFPA2224 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RFPA2224
Description  Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2224 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RFPA2224 Datasheet HTML 11Page - RF Micro Devices RFPA2224 Datasheet HTML 12Page - RF Micro Devices RFPA2224 Datasheet HTML 13Page - RF Micro Devices RFPA2224 Datasheet HTML 14Page - RF Micro Devices RFPA2224 Datasheet HTML 15Page - RF Micro Devices RFPA2224 Datasheet HTML 16Page - RF Micro Devices RFPA2224 Datasheet HTML 17Page - RF Micro Devices RFPA2224 Datasheet HTML 18Page - RF Micro Devices RFPA2224 Datasheet HTML 19Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17 of 19
RFPA2224
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
2.58GHz to 2.69GHz Application Circuit
Evaluation Board Bill of Materials (BOM)
2.58GHz to 2.69GHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
400MHz to 2700MHz, 1W, 5V High Gain Linear PA
U1
RFMD
PA2224
CAP, 10µF, 10%, 10V, TANT-A
C5, C8
AVX Corporation
TAJA106K010R
CAP, 10000pF, 10%, 16V, X7R, 0402
C6, C10
Taiyo Yuden (USA), Inc.
RM EMK105BJ103KV-F
CAP, 8.2pF, +/-0.5pF, 50V, C0G, 0402
C7, C11
Taiyo Yuden (USA), Inc.
RM UMK105 CG8R2DV-F
CAP, 100pF, 5%, 50V, C0G, 0402
C12, C22
Murata Electronics
GRM1555C1H101JA01D
CAP, 2.2pF, +/-0.1pF, 50V, HI-Q, 0402
C15
Johanson Technology
500R07S2R2BV4TD
CAP, 3.6pF, +/-0.1pF, 50V, HI-Q, 0402
C17
Johanson Technology
500R07S3R6BV4TD
CAP, 2.4pF, +/-0.1pF, 50V, HI-Q, 0402
C20
Johanson Technology
500R07S2R4BV4TD
CONN, SMA, END LNCH, RND PIN, 0.039"
J1-J2
Gigalane Co., Ltd.
PSF-S01-002
IND, 24nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603HC-24NXJLW
CONN, HDR, ST, PLRZD, 4-PIN, 0.100"
P1
ITW Pancon
MPSS100-4-C
CONN, HDR, ST, PLRZD, 3-PIN, 0.100"
P2
ITW Pancon
MPSS100-3-C
RES, 1K, 5%, 1/16W, 0402
R1
Kamaya, Inc
RMC1/16S-102JTH
4.3KΩ, 5%, 1/16W, 0402, LEAD FREE
R2
KOA Speer Electronics, Inc.
RK73B1ETTP432J
RES, 0Ω, 0402
R3
Kamaya, Inc
RMC1/16SJPTH
RES, 43K, 5%, 1/16W, 0402
R4
Kamaya, Inc
RMC1/16S-433JTH
GND
GND
C8
10uF
L1
24nH
C10
10000pF
C11
8.2pF
GND
C7
8.2pF
GND
C6
10000pF
GND
VCC
VCC
VBIAS
VBIAS
GND
C5
10uF
GND
VDET
GND
GND
R1
1K
VREG
GND
GND
1
2
3
P2
GND
VREG
VDET
VBIAS
1
NC
2
RFIN
3
RFIN
4
NC
5
VPC
6
VDET
7
RFOUT/VCC
8
RFOUT/VCC
9
RFOUT/VCC
10
RFOUT/VCC
11
NC
12
U1
PA2224
R2
4.3K
GND
R4
43K
GND
R3
0 Ohm
GND
GND
J1
RFIN
J2
RFOUT
1
2
3
4
P1
GND
C20
2.4pF
GND
C22
100pF
C12
100pF
C15
2.2pF
GND
C17
3.6pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com