Electronic Components Datasheet Search
  English  ▼

X  

RFPA2224 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2224
Description  Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2224 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2224 Datasheet HTML 1Page - RF Micro Devices RFPA2224 Datasheet HTML 2Page - RF Micro Devices RFPA2224 Datasheet HTML 3Page - RF Micro Devices RFPA2224 Datasheet HTML 4Page - RF Micro Devices RFPA2224 Datasheet HTML 5Page - RF Micro Devices RFPA2224 Datasheet HTML 6Page - RF Micro Devices RFPA2224 Datasheet HTML 7Page - RF Micro Devices RFPA2224 Datasheet HTML 8Page - RF Micro Devices RFPA2224 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3 of 19
RFPA2224
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.58GHz to 2.69GHz
VCC = 5.0V, Temp = 25°C, Optimized for
-60dBc ACPR power
Frequency
2.64
GHz
Input Power (PIN)
14
dBm
Max recommended continuous input power,
VCC = 5.0V, Load VSWR = 2:1
Gain (S21)
11.5
13.1
14.5
dB
ACPR
-60
-55
dBc
RF Output Power = 17 dBm, WCDMA 3GPP 3.5,
test model 1, 64 DPCH
OIP3
43
dBm
15 dBm per tone, 1MHz spacing. Optimized for
best ACPR.
P1dB
28.8
dBm
Input Return Loss (S11)
18
dB
Output Return Loss (S22)
11
dB
Noise Figure
5.6
dB
Power Supply
VCC = 5.0V, Bias Conditions
Quiescent Collector Current
220
265
310
mA
At VCC = VBIAS = 5.0V, Temp = 25°C
Collector Voltage (VCC)
4.75
5
5.25
V
VBIAS
4.75
5
5.25
V
At VCC = VBIAS under normal operating
conditions
VREG
5
5
5
V
Normal operating conditions
Collector Leakage Current
(Shutdown)
100
AAt VCC = VBIAS = 5V, VREG = 0V
Thermal Resistance (RTH)
24.2
°C/W
Junction-to-back side of package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com