Electronic Components Datasheet Search
  English  ▼

X  

RFPA2224 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA2224
Description  Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2224 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA2224 Datasheet HTML 1Page - RF Micro Devices RFPA2224 Datasheet HTML 2Page - RF Micro Devices RFPA2224 Datasheet HTML 3Page - RF Micro Devices RFPA2224 Datasheet HTML 4Page - RF Micro Devices RFPA2224 Datasheet HTML 5Page - RF Micro Devices RFPA2224 Datasheet HTML 6Page - RF Micro Devices RFPA2224 Datasheet HTML 7Page - RF Micro Devices RFPA2224 Datasheet HTML 8Page - RF Micro Devices RFPA2224 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5 of 19
RFPA2224
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: VCC = VBIAS = VREG =5V
728MHz to 768MHz Application Circuit
-70
-65
-60
-55
-50
-45
-40
-35
12
13
14
15
16
17
18
19
20
21
22
Channel Output Power (dBm)
ACPR versus WCDMA Output Power (25
°C)
728MHz
748MHz
768MHz
WCDMA_TM1_64DPCH_1C
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
-70
-65
-60
-55
-50
-45
-40
-35
12
13
14
15
16
17
18
19
20
21
22
Channel Output Power (dBm)
ACPR versus WCDMA Output Power (750MHz)
25°C
-40°C
85°C
WCDMA_TM1_64DPCH_1C
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
12
14
16
18
20
22
24
26
28
30
32
-2
0
2
4
6
8
1012141618
Input Power (dBm)
Output Power and Current versus Input Power
at 750MHz
25°C
-40°C
85°C
0.6
0.8
1
1.2
1.4
12
14
16
18
20
22
24
26
28
30
POUT (dBm)
VDET versus Pout (WCDMA)
VDET (25°C)
VDET (85°C)
VDET (-40°C)
WCDMA_TM1_64DPCH_1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com