Electronic Components Datasheet Search
  English  ▼

X  

RFPA5522 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA5522
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5522 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA5522 Datasheet HTML 1Page - RF Micro Devices RFPA5522 Datasheet HTML 2Page - RF Micro Devices RFPA5522 Datasheet HTML 3Page - RF Micro Devices RFPA5522 Datasheet HTML 4Page - RF Micro Devices RFPA5522 Datasheet HTML 5Page - RF Micro Devices RFPA5522 Datasheet HTML 6Page - RF Micro Devices RFPA5522 Datasheet HTML 7Page - RF Micro Devices RFPA5522 Datasheet HTML 8Page - RF Micro Devices RFPA5522 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RFPA5522
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
5V Transmit Performance
T= +25ºC, VCC=5.0V, VPAEN = 3.0V, Unless otherwise
noted
Quiescent Current
150
mA
PA Enable Current
4
20
uA
PA_EN High
Leakage Current
1
5
uA
RF OFF; VPAEN= 0V
Second Harmonic
-45
-40
dBm/MHz
POUT = 27dBm
Third Harmonic
-50
-45
dBm/MHz
POUT = 27dBm
OOB Rejection
-5
dB
Gain (S21)@ 3.3 – 3.8GHz
7
dB
Gain ( S21)@ 7.0 GHz
Input Return Loss
12
dB
Output Return Loss
12
dB
Power Detector Range
0.25
V
POUT = 0dBm
0.65
POUT = 23dBm
0.88
V
POUT = 27dBm
3.3V Transmit Performance
T= +25ºC, VCC=3.3V, VPAEN = 3.0V, Unless otherwise
noted
11ac 80MHz Output Power
18
19
dBm
MCS9 256QAM
11ac 80MHz EVM
1.5
1.8
%
-36.5
-35
dB
11n 20/40MHz Output Power
19
20
dBm
MCS7 64QAM
11n 40MHz EVM
3
%
-30
dB
11ac 160MHz Output Power
18
dBm
MCS9 256QAM
11ac 160MHz EVM
1.5
1.8
%
-36.5
-35
dB
Gain
31
33
dB
Gain Variation over Temp
-2.5
+3.0
dB
Over 100MHz band
Margin to Spectral Mask
5
dBm
POUT=21dBm; MCS0 80MHz
5
dBm
POUT=19dBm; MCS0 160MHz
5
dBm
POUT=22dBm; MCS0 40MHz
5
dBm
POUT=23dBm; MCS0 20MHz
Operating Current
210
235
mA
POUT=19dBm
275
300
POUT=23dBm
Quiescent Current
150
mA
PA Enable Current
375
500
uA
PA_EN High
Leakage Current
1
5
uA
RF OFF; VPAEN = 0V
Second Harmonic
-50
-45
dBm/MHz
POUT = 23dBm
Third Harmonic
-50
-45
dBm/MHz
Input Return Loss
12
dB
Output Return Loss
12
dB
Power Detector Range
0.25
V
POUT = 0dBm
0.5
V
Pout = 18dBm
0.7
V
POUT = 23dBm
General Specifications -
Stability
Output VSWR
4:1
CW signal. No spurious above -41.25dBm/MHz for non-harmonic
related signals.
Output Power Range
0
27
dBm
Revision DS20150303
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com