Electronic Components Datasheet Search
  English  ▼

X  

RFPA5522 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA5522
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5522 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA5522 Datasheet HTML 1Page - RF Micro Devices RFPA5522 Datasheet HTML 2Page - RF Micro Devices RFPA5522 Datasheet HTML 3Page - RF Micro Devices RFPA5522 Datasheet HTML 4Page - RF Micro Devices RFPA5522 Datasheet HTML 5Page - RF Micro Devices RFPA5522 Datasheet HTML 6Page - RF Micro Devices RFPA5522 Datasheet HTML 7Page - RF Micro Devices RFPA5522 Datasheet HTML 8Page - RF Micro Devices RFPA5522 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RFPA5522
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Specifications -
Stability
Output VSWR
4:1
CW signal. No spurious above -41.25dBm/MHz for non-harmonic
related signals.
Output Power Range
0
27
dBm
Output P1dB
33
dBm
CW signal; 5V
29
dBm
CW signal; 3.3V
Ramp ON/OFF time
200
nS
10-90% / 90-10% of gain
General Specifications
Thermal Resistance*
32
°C/W
At Pout=27dBm
ESD HBM
500
V
EIA/JESD22-114A; All pins
ESD CDM
500
V
JESD22-C101C; All pins
Revision DS20150303
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com