Electronic Components Datasheet Search
  English  ▼

X  

RFPA5522 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA5522
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5522 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA5522 Datasheet HTML 1Page - RF Micro Devices RFPA5522 Datasheet HTML 2Page - RF Micro Devices RFPA5522 Datasheet HTML 3Page - RF Micro Devices RFPA5522 Datasheet HTML 4Page - RF Micro Devices RFPA5522 Datasheet HTML 5Page - RF Micro Devices RFPA5522 Datasheet HTML 6Page - RF Micro Devices RFPA5522 Datasheet HTML 7Page - RF Micro Devices RFPA5522 Datasheet HTML 8Page - RF Micro Devices RFPA5522 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RFPA5522
RFMD + TriQuint = Qorvo
RFPA5522 5V Applications Schematic
PAEN
PDET
J2
RF_OUT
50Ω µstrip
J1
RF_IN
50Ω µstrip
VCC2
C1
2.2uF
C3
2.2µF
C5
1nF
C2
2.2uF
6
7
8
9
4
3
20
19
18
17
2
1
11
12
13
14
U1
RFPA5522
10
15
5
16
C6
10pF
C9
3.3nF
R2
560
ohµ
C4
5.6nF
R4
750
ohµ
VCC1
VCC3
C7
10pF
C8
10pF
R1
0 ohµ
*0402 component size required
Revision DS20150303
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com