Electronic Components Datasheet Search
  English  ▼

X  

HFX Datasheet(PDF) 20 Page - RMT Ltd.

Part # HFX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HFX Datasheet(HTML) 20 Page - RMT Ltd.

Back Button HFX Datasheet HTML 16Page - RMT Ltd. HFX Datasheet HTML 17Page - RMT Ltd. HFX Datasheet HTML 18Page - RMT Ltd. HFX Datasheet HTML 19Page - RMT Ltd. HFX Datasheet HTML 20Page - RMT Ltd. HFX Datasheet HTML 21Page - RMT Ltd. HFX Datasheet HTML 22Page - RMT Ltd. HFX Datasheet HTML 23Page - RMT Ltd. HFX Datasheet HTML 24Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 20 of 36
All the HFX Heat Flux Sensors can be used bi-directionally. If the direction
of the heat flux is reversed, the sign of the Sensor voltage output changes
(i.e. from positive to negative). Since the sensitivity of the Sensor does not
depend on the direction of the heat flux, the measurement of the reversed
heat flux has the same accuracy.
Table 8.1: Heat flux resolution of Heat Flux Sensors of HFX series at
different voltmeter resolution (1 mV and 1 V)
Sensor type
Sensitivity,
mV/(W/m
2)
Heat flux resolution W/m
2
Voltmeter 1mV
VoltmeterV
HFD02-040-04L04
12
82
0,082
HFD03-060-04L06
26
38
0,038
HFD04-059-05L08
30
33
0,033
HFD04-097-05L10
48
21
0,021
HFD06-127-05L12
40
25
0,025
HFС06-126-05L14
47
21
0,021
However, on some voltmeters the measurement of negative voltages may
not be possible or may be less accurate than the measurement of positive
voltages. Further information about the positive and negative sides of the
Sensors can be found in Section 4.
Applicability
Voltmeters are compatible with all the HFX Heat Flux Sensors without a
plug.
7.3 Third party read-out device
A data logger is highly recommended for the measurement of time-
dependent variations of the Sensor signal. For the choice of a suitable
device, apply the same considerations as for the voltmeter.
Applicability
Third party read-out devices are compatible with all the HFX Heat Flux
Sensors without a plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com