Electronic Components Datasheet Search
  English  ▼

X  

HFX Datasheet(PDF) 14 Page - RMT Ltd.

Part # HFX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HFX Datasheet(HTML) 14 Page - RMT Ltd.

Back Button HFX Datasheet HTML 10Page - RMT Ltd. HFX Datasheet HTML 11Page - RMT Ltd. HFX Datasheet HTML 12Page - RMT Ltd. HFX Datasheet HTML 13Page - RMT Ltd. HFX Datasheet HTML 14Page - RMT Ltd. HFX Datasheet HTML 15Page - RMT Ltd. HFX Datasheet HTML 16Page - RMT Ltd. HFX Datasheet HTML 17Page - RMT Ltd. HFX Datasheet HTML 18Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 14 of 36
6.
INSTALLATION OF SENSORS
6.1 Mounting substances
In order to obtain meaningful measurement data, the HFX Heat Flux
Sensor has to be mounted with adequate mounting substances. Adequate
mounting substances features are high thermal conductivity and low
thickness. Three types of mounting substance are suitable: adhesive tape,
thermally conductive paste, and thermally conductive glue.
The mounting substance should be chosen based on the measurement
setup.
Adhesive tape
Adhesive tape should be used for simple tasks, where quick setup is crucial
and the thermal coupling is of secondary importance.
Clean the surface to be measured and apply the tape to the backside of
the Sensor. Mount the Sensor onto the surface by applying gentle pressure
to establish adhesion. You can add a thermal paste (see the next section)
for improving thermal coupling to the surface.
Thermally conductive paste
Thermally conductive paste is recommended in applications where
pressure is used to fix the HFX Heat Flux Sensor in the measurement setup.
It generates a very strong thermal coupling as the paste adapts to the
surface inhomogeneities.
Clean the surface to be measured and spread a thin layer of paste onto the
backside of the Sensor. Then press the Sensor onto the surface. You may
need to hold the Sensor in place with tape across the electric cables.
Thermally conductive glue
Thermally conductive glue is suitable for applications where additional
mechanical stability is required. Similar to the paste, it generates a strong
thermal coupling and adapts to surface inhomogeneities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com