Electronic Components Datasheet Search
  English  ▼

X  

HFX Datasheet(PDF) 8 Page - RMT Ltd.

Part # HFX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HFX Datasheet(HTML) 8 Page - RMT Ltd.

Back Button HFX Datasheet HTML 4Page - RMT Ltd. HFX Datasheet HTML 5Page - RMT Ltd. HFX Datasheet HTML 6Page - RMT Ltd. HFX Datasheet HTML 7Page - RMT Ltd. HFX Datasheet HTML 8Page - RMT Ltd. HFX Datasheet HTML 9Page - RMT Ltd. HFX Datasheet HTML 10Page - RMT Ltd. HFX Datasheet HTML 11Page - RMT Ltd. HFX Datasheet HTML 12Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 8 of 36
3.
QUICK START
3.1 About Heat Sensor HFX series
The Heat Flux Sensors of the HFX series – the series of high sensitive and
self-calibrating miniature Sensors. The Sensors were developed for
measurement of conductive, convective and radiation heat fluxes in a wide
range of intensities.
The Sensors have a
square
shape.
Electric connections
come from the parts
by a miniature FEP
Flat Ribbon Cable
(0.025”
Pitch,
32
AWG). The standard
length is 180 cm
(6”).
The
cable
output is ended by a
six-pin
miniature
connector
of
the
type DFMC 0,5/ 6-
ST-2,54 (Phoenix).
Both sides of the
Sensors are ceramics
(AlN) covered with black paint stable for working in wet ambient and even
under water.
Internal ambient of the Sensor is potted by a silicon compound of high
temperature stability.
3.2 Preparations for working
You need to procure the following for working with the Sensors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com