Electronic Components Datasheet Search
  English  ▼

X  

RT7306 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7306
Description  The RT7306 is a constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7306 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7306 Datasheet HTML 1Page - Richtek Technology Corporation RT7306 Datasheet HTML 2Page - Richtek Technology Corporation RT7306 Datasheet HTML 3Page - Richtek Technology Corporation RT7306 Datasheet HTML 4Page - Richtek Technology Corporation RT7306 Datasheet HTML 5Page - Richtek Technology Corporation RT7306 Datasheet HTML 6Page - Richtek Technology Corporation RT7306 Datasheet HTML 7Page - Richtek Technology Corporation RT7306 Datasheet HTML 8Page - Richtek Technology Corporation RT7306 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RT7306
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7306-00
July
2015
4
IL_PK
IQ1_DS
Iin_avg
IDo
Peak Inductor Current
MOSFET Current
Average Input Current
Output Diode Current
VIN
Input Voltage
VQ1_GS
MOSFET Gate Voltage
Figure 2. Inductor Current of CRM with Constant
On-Time Control
RT7306 needs no shunt regulator and opto-coupler at
the secondary side to achieve the output current
regulation. Figure 3 shows several key waveforms of a
conventional flyback converter in Quasi-Resonant (QR)
mode, in which VAUX is the voltage on the auxiliary
winding of the transformer.
VAUX
VIN
IQ1
GD
(VGS)
(VOUT + Vf) x Naux / NS
0
0
VIN x Naux / NP
IDOUT
Clamped by Controller
VDS
Figure 3. Key Waveforms of a Flyback Converter
Voltage Clamping Circuit
The RT7306 provides a voltage clamping circuit at ZCD
pin since the voltage on the auxiliary winding is
negative when the main switch is turned on. The lowest
voltage on ZCD pin is clamped near zero to prevent the
IC from being damaged by the negative voltage.
Meanwhile, the sourcing ZCD current (IZCD_SH),
flowing through the upper resistor (RZCD1), is sampled
and held to be a line-voltage-related signal for
propagation delay compensation. The RT7306 embeds
the programmable propagation delay compensation
through CS pin. A sourcing current ICS (equal to
IZCD_SH x KPC) applies a voltage offset (ICS x RPC)
which is proportional to line voltage on CS to
compensate the propagation delay effect. Thus, the
output current can be equal at high and low line
voltage.
Quasi-Resonant Operation
Figure 4 illustrates how valley signal triggers PWM.
If
no valley signal detected for a long time, the next PWM
is triggered by a starter circuit at end of the interval
(tSTART, 130s typ.) which starts at the rising edge of
the previous PWM signal. A blanking time (tS(MIN),
8.5
μs typ.), which starts at the rising edge of the
previous PWM signal, limits minimum switching period.
When the tS(MIN) interval is on-going, all of valley
signals are not allowed to trigger the next PWM signal.
After the end of the tS(MIN) interval, the coming valley
will trigger the next PWM signal. If one or more valley
signals are detected during the tS(MIN) interval and no
valley is detected after the end of the tS(MIN) interval,
the next PWM signal will be triggered automatically at
end of the tS(MIN) + 5s (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com