Electronic Components Datasheet Search
  English  ▼

X  

RT7306 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7306
Description  The RT7306 is a constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7306 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7306 Datasheet HTML 1Page - Richtek Technology Corporation RT7306 Datasheet HTML 2Page - Richtek Technology Corporation RT7306 Datasheet HTML 3Page - Richtek Technology Corporation RT7306 Datasheet HTML 4Page - Richtek Technology Corporation RT7306 Datasheet HTML 5Page - Richtek Technology Corporation RT7306 Datasheet HTML 6Page - Richtek Technology Corporation RT7306 Datasheet HTML 7Page - Richtek Technology Corporation RT7306 Datasheet HTML 8Page - Richtek Technology Corporation RT7306 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT7306
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7306-00
July
2015
www.richtek.com
1
Primary-Side Regulation Dimmable LED Driver Controller
with Active-PFC
General Description
The RT7306 is a constant current LED driver with active
power factor correction. It supports high power factor
across a wide range of line voltages, and it drives the
converter in the Quasi-Resonant (QR) mode to achieve
higher efficiency. By using Primary Side Regulation
(PSR),
the
RT7306
controls
the
output
current
accurately without a shunt regulator and an opto-coupler
at the secondary side, reducing the external component
count, the cost, and the volume of the driver board.
RT7306 is compatible with analog dimming. The output
current can be modulated by the DIM pin. An in-house
design high voltage (HV) start-up device is integrated in
the RT7306 to minimize the power loss and shorten the
start-up time.
The
RT7306
embeds
comprehensive
protection
functions for robust designs, including LED open-circuit
protection, LED short-circuit protection, output diode
short-circuit protection, VDD Under-Voltage Lockout
(UVLO), VDD Over-Voltage Protection (VDD OVP),
Over-Temperature Protection (OTP), and cycle-by-cycle
current limitation.
Features
Tight LED Current Regulation
No Opto-Coupler and TL431 Required
Power Factor Correction (PFC)
Compatible with Analog Dimming
Built-in HV Start-up Device
Quasi-Resonant
Maximum/Minimum Switching Frequency
Clamping
Maximum/Minimum on-Time Limitation
Wide VDD Range (up to 34V)
THD Optimization
Input-Voltage Feed-Forward Compensation
Multiple Protection Features
LED Open-Circuit Protection
LED Short-Circuit Protection
Output Diode Short-Circuit Protection
VDD Under-Voltage Lockout
VDD Over-Voltage Protection
Over-Temperature Protection
Cycle-by-Cycle Current Limitation
Applications
AC/DC LED Lighting Driver
Simplified Application Circuit
Flyback Application Circuit
BD
COMP
GD
RT7306
VDD
Line
Neutral
ZCD
CCOMP
CVDD
RHV
CIN
CS
RCS
RPC
GND
DAUX
COUT
DOUT
TX1
RZCD1
RZCD2
VOUT+
VOUT-
HV
Q1
Analog
Dimming
Signal
DIM
Buck-Boost Application Circuit
BD
COMP
GD
RT7306
VDD
ZCD
CCOMP
CVDD
RHV
CIN
DAUX
COUT
DOUT
TX1
RZCD1
RZCD2
Line
Neutral
VOUT+
VOUT-
CS
RCS
RPC
GND
HV
Q1
Analog
Dimming
Signal
DIM


Similar Part No. - RT7306

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
RT7302GS RICHTEK-RT7302GS Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
Primary-Side-Regulation LED Driver Controller with Active PFC
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
RT7304AGE RICHTEK-RT7304AGE Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
More results

Similar Description - RT7306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
STMicroelectronics
STCS1 STMICROELECTRONICS-STCS1 Datasheet
435Kb / 17P
1.5 A max constant current LED driver
02-Oct-2007
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
2 A max constant current LED driver
05-May-2008
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
0.5 A max constant current LED driver
02-Jul-2008
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
0.5 A max constant current LED driver
02-Jul-2008
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
1.5 A max constant current LED driver
02-Jul-2008
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
2 A max constant current LED driver
02-Jul-2008
STCS1 STMICROELECTRONICS-STCS1_08 Datasheet
346Kb / 17P
1.5 A max constant current LED driver
02-Jul-2008
logo
Taiwan Memory Technolog...
T6506A TMT-T6506A Datasheet
189Kb / 2P
The T6506A is a 3-channel constant current LED drivers.
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com