Electronic Components Datasheet Search
  English  ▼

X  

RT7306 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7306
Description  The RT7306 is a constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7306 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7306 Datasheet HTML 1Page - Richtek Technology Corporation RT7306 Datasheet HTML 2Page - Richtek Technology Corporation RT7306 Datasheet HTML 3Page - Richtek Technology Corporation RT7306 Datasheet HTML 4Page - Richtek Technology Corporation RT7306 Datasheet HTML 5Page - Richtek Technology Corporation RT7306 Datasheet HTML 6Page - Richtek Technology Corporation RT7306 Datasheet HTML 7Page - Richtek Technology Corporation RT7306 Datasheet HTML 8Page - Richtek Technology Corporation RT7306 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT7306
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7306-00
July
2015
2
Ordering Information
RT7306
Package Type
S : SOP-8
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
RT7306
GSYMDNN
RT7306GS : Product Number
YMDNN : Date Code
Pin Configurations
(TOP VIEW)
HV
GND
COMP
DIM
VDD
GD
ZCD
CS
2
3
4
5
6
7
8
SOP-8
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
HV
High Voltage Input for Startup.
2
GND
Ground of the Controller.
3
COMP
Compensation Node. Output of the internal trans-conductance amplifier.
4
DIM
Analog Dimming Signal Input. LED driving current can be adjusted by an analog
voltage.
5
ZCD
Zero Current Detection Input. This pin is used to sense the voltage at auxiliary winding
of the transformer.
6
CS
Current Sense Input. Connect this pin to the current sense resistor.
7
GD
Gate Driver Output for External Power MOSFET.
8
VDD
Supply Voltage (VDD) Input. The controller will be enabled when VDD exceeds VTH_ON
and disabled when VDD is lower than VTH_OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com