Electronic Components Datasheet Search
  English  ▼

X  

JML Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JML
Description  Size may be selected
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JML Datasheet(HTML) 2 Page - jb Capacitors Company

  JML Datasheet HTML 1Page - jb Capacitors Company JML Datasheet HTML 2Page - jb Capacitors Company JML Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminum Electrolytic Capacitor – JML
STANDARD RATINGS
WV(V)
/
Cap(uF)
10
16
25
35
50
63
80
2200
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
A5
2.4
0.15
2700
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
A5
2.3
0.20
A5
2.7
0.15
3300
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
A5
2.5
0.20
A5
3.0
0.15
3900
--
--
--
--
--
--
--
--
--
--
--
--
A5
2.8
0.20
A5
2.8
0.20
A6
3.4
0.15
4700
--
--
--
--
--
--
--
--
--
--
--
--
A5
3.1
0.20
A5
3.1
0.20
A6
3.7
0.15
5600
--
--
--
--
--
--
--
--
--
--
--
--
A5
3.3
0.20
A6
3.5
0.20
A8
4.5
0.15
6800
--
--
--
--
--
--
--
--
--
--
--
--
A5
3.3
0.25
A6
3.9
0.20
A8
4.9
0.15
8200
--
--
--
--
--
--
--
--
--
A5
3.3
0.30
A6
3.8
0.25
A8
4.7
0.20
A10
5.1
0..20
10000
--
--
--
--
--
--
--
--
A5
3.6
0.30
A8
4.6
0.25
A8
4.7
0.25
A12
6.1
0..20
12000
--
--
--
--
--
--
A5
3.7
0.35
A6
4.2
0.30
A8
5.1
0.25
A10
5.5
0.25
C8
6.7
0..20
15000
--
--
--
--
--
--
A5
4.1
0.35
A6
4.7
0.30
A8
5.7
0.25
A12
6.6
0.25
C10
8.3
0..20
18000
--
--
--
A5
4.2
0.40
A6
4.8
0.35
A8
5.7
0.30
A10
6.7
0.25
C8
7.4
0.25
C12
9.9
0..20
22000
--
--
--
A5
4.7
0.40
A6
5.3
0.35
A8
6.3
0.30
A12
8.1
0.25
C10
9.0
0.25
C12
11.0
0..20
27000
A5
4.9
0.45
A6
5.5
0.40
A8
6.4
0.35
A10
7.5
0.30
C8
9.1
0.25
C12
10.9
0.25
D10
11.4
0.25
33000
A5
5.1
0.50
A6
5.7
0.45
A8
6.7
0.40
A12
9.0
0.30
C10
11.1
0.25
C12
12.0
0.25
E10
13.9
0.25
39000
A6
5.9
0.50
A8
6.8
0.45
A10
7.8
0.40
C8
9.2
0.35
C12
13.1
0.25
D10
12.5
0.30
E10
13.9
0.30
47000
A8
7.1
0.50
A8
7.1
0.50
A12
9.3
0.40
C10
11.2
0.35
C12
13.9
0.30
D12
14.9
0.30
E12
16.5
0.30
56000
A8
7.1
0.60
A10
8.4
0.50
C8
9.7
0.45
C10
11.4
0.40
D10
13.9
0.35
D12
16.3
0.30
E12
18.1
0.30
68000
A10
8.5
0.60
A10
8.8
0.55
C10
11.2
0.45
C12
13.6
0.40
D12
16.6
0.35
E12
18.4
0.35
E14
19.7
0.35
82000
A10
8.9
0.65
C8
10.7
0.55
C10
11.2
0.50
D10
14.8
0.45
E12
18.9
0.40
E14
10.0
0.40
F14
22.1
0.40
100000
A12
10.7
0.65
C8
10.8
0.65
C12
14.8
0.50
D12
17.6
0.45
E12
19.5
0.45
E14
20.0
0.50
120000
C8
11.0
0.75
C10
13.1
0.65
D10
14.9
0.65
D12
17.6
0.55
E12
19.5
0.55
F14
21.8
0.60
150000
C10
13.2
0.80
C12
15.3
0.70
D12
17.9
0.65
E12
19.8
0.65
F14
23.9
0.60
180000
C12
15.7
0.80
C12
15.7
0.80
D12
17.9
0.80
E12
19.8
0.80
F14
23.9
0.75
220000
C12
16.8
0.85
D12
19.2
0.85
E12
21.3
0.85
E14
23.4
0.80
270000
D12
19.6
1.00
D12
19.6
1.00
E12
21.7
1.00
F14
25.5
1.00
330000
D12
19.7
1.20
E12
21.1
1.30
E14
23.4
1.20
--
--
--
Tan δ 25℃ 120Hz
390000
E12
21.3
1.50
E12
21.3
1.50
F14
24.9
1.50
--
--
--
Ripple current (Arms) at 105℃ 120Hz
470000
E12
21.4
1.80
E14
24.2
1.60
--
--
--
--
--
--
Case code
560000
E14
23.6
2.00
F14
28.1
2.00
--
--
--
--
--
--
680000
F14
26.0
2.40
F14
28.5
2.40
--
--
--
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com