Electronic Components Datasheet Search
  English  ▼

X  

JML Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JML
Description  Size may be selected
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JML Datasheet(HTML) 1 Page - jb Capacitors Company

  JML Datasheet HTML 1Page - jb Capacitors Company JML Datasheet HTML 2Page - jb Capacitors Company JML Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aluminum Electrolytic Capacitor – JML
FEATURES
Load life of 2000 hours at 105℃
Size may be selected
High ripple current
Used for computers, communication powers Hi-ripple circuit of electric vehicle,
electric train, general-purpose inverter
SPECIFICATIONS
Items
Performance Characteristics
Rated Voltage Range (V)
10V~100V
160V~400V
Operating Temperature Range (℃)
-40℃~+105℃
-25℃~+105℃
Capacitance Tolerance (25℃,120Hz)
±20%
Leakage Current (μA)
0.02CV or 5mA, whichever is smaller. (at 25℃, after 5 minutes)
Where, C: Nominal capacitance (μF) V: Rated voltage (V)
Dissipation Factor (25℃, 120Hz)
Tanδ shall not exceed the values shown in the table of
STANDARD RATINGS
Temperature Satbility (120Hz)
Capacitance change
10-100VDC:Capacitance at -40℃ shall not be less than 60% of the 25℃ value
160-400VDC:Capacitance at -25℃ shall not be less than 70% of the 25℃ value
Load Life (+105℃)
Time
2000hours
Leakage Current
Less than the specified
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
Shelf Life (+105℃)
Time
500hours
Leakage Current
Less than the specified value.
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
After Test: UR to be applied for 60 minutes, 24 to 48 hours before measurement
DIMENSIONS (mm)
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
Frequency(Hz)
50,60
120
300
1K
≥10K
Factor
0.8
1.0
1.10
1.20
1.50
Temperature coefficient
Temperature(℃)
+70
+85
+105
Factor
2.1
1.7
1.0
ΦD
35
51
63.5
76
89
F
13
22
28
32
32
CASE SIZE (mm)
ΦD:
L:
A5
35
50
A6
35
60
A8
35
80
A10
35
100
A12
35
120
C8
50
80
C10
50
100
C12
50
120
ΦD:
L:
D10
63.5
100
D12
63.5
120
E10
76
100
E12
76
120
E13
76
130
E14
76
140
F14
89
140
Please visit our website to get more update data, those data & specification are subject to change without notice.
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JML

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
JMLP1303F-D DDK-JMLP1303F-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
JMLP1303FG-D DDK-JMLP1303FG-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
JMLP1303FGM-D DDK-JMLP1303FGM-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
JMLP1303FM-D DDK-JMLP1303FM-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
JMLP1303FX-D DDK-JMLP1303FX-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
More results

Similar Description - JML

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JMJ JBCAPACITORS-JMJ Datasheet
233Kb / 6P
Size may be selected
JMN JBCAPACITORS-JMN Datasheet
277Kb / 2P
Size may be selected
logo
Amphenol Corporation
P-MUSB-A311-XX AMPHENOL-P-MUSB-A311-XX Datasheet
123Kb / 2P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-BA51-XX AMPHENOL-P-MUSB-BA51-XX Datasheet
110Kb / 2P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-E551-XX AMPHENOL-P-MUSB-E551-XX Datasheet
75Kb / 2P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A111-XX AMPHENOL-P-MUSBR-A111-XX Datasheet
175Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B151-XX AMPHENOL-P-MUSBR-B151-XX Datasheet
155Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B551-XX AMPHENOL-P-MUSBR-B551-XX Datasheet
157Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-E151-XX AMPHENOL-P-MUSBR-E151-XX Datasheet
153Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-E551-XX AMPHENOL-P-MUSBR-E551-XX Datasheet
156Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com