Electronic Components Datasheet Search
  English  ▼

X  

JML Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JML
Description  Size may be selected
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JML Datasheet(HTML) 3 Page - jb Capacitors Company

  JML Datasheet HTML 1Page - jb Capacitors Company JML Datasheet HTML 2Page - jb Capacitors Company JML Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aluminum Electrolytic Capacitor – JML
STANDARD RATINGS
WV(V)
/
Cap(uF)
100
160
200
250
315
350
400
180
--
--
--
--
--
--
--
--
--
--
--
--
A5
0.8
0.10
A5
0.8
0.10
A5
0.8
0.10
220
--
--
--
--
--
--
--
--
--
--
--
--
A5
0.9
0.10
A5
0.9
0.10
A5
0.9
0.10
270
--
--
--
--
--
--
--
--
--
A5
0.8
0.15
A5
1.0
0.10
A5
1.0
0.10
A5
1.0
0.10
330
--
--
--
--
--
--
A5
0.9
0.15
A5
0.9
0.15
A5
1.1
0.10
A5
1.1
0.10
A6
1.2
0.10
390
--
--
--
--
--
--
A5
1.0
0.15
A5
1.0
0.15
A5
1.2
0.10
A6
1.3
0.10
A6
1.3
0.10
470
--
--
--
--
--
--
A5
1.1
0.15
A5
1.1
0.15
A6
1.4
0.10
A6
1.4
0.10
A8
1.4
0.10
560
--
--
--
A5
1.2
0.15
A5
1.2
0.15
A5
1.2
0.15
A6
1.5
0.10
A8
1.6
0.10
A8
1.4
0.15
680
--
--
--
A5
1.3
0.15
A5
1.3
0.15
A6
1.4
0.15
A8
1.7
0.10
A8
1.6
0.15
A10
1.7
0.15
820
--
--
--
A5
1.4
0.15
A5
1.4
0.15
A8
1.6
0.15
A8
1.7
0.15
A10
1.8
0.15
A12
2.0
0.15
1000
--
--
--
A5
1.6
0.15
A6
1.7
0.15
A8
1.6
0.20
A10
2.0
0.15
A12
2.2
0.15
C8
2.2
0.15
1200
--
--
--
A6
1.9
0.15
A6
1.9
0.15
A8
1.8
0.20
A12
2.4
0.15
C8
2.4
0.15
C10
2.7
0.15
1500
--
--
--
A6
2.1
0.15
A8
2.3
0.15
A10
2.1
0.20
C8
2.7
0.15
C10
3.0
0.15
C12
3.3
0.15
1800
A5
2.7
0.10
A8
2.5
0.15
A8
2.5
0.15
A12
2.5
0.20
C10
3.3
0.15
C12
3.6
0.15
--
--
--
2200
A5
3.0
0.10
A8
2.8
0.15
A10
3.0
0.15
C8
2.9
0.20
C12
4.0
0.15
C12
4.0
0.15
D10
4.2
0.15
2700
A6
3.5
0.10
A10
3.3
0.15
A12
3.6
0.15
C10
3.5
0.20
C12
4.4
0.15
D10
4.6
0.15
--
--
--
3300
A8
4.2
0.10
A12
3.8
0.15
C8
4.1
0.15
C12
4.2
0.20
D10
5.1
0.15
--
--
--
D12
5.5
0.15
3900
A8
4.2
0.12
C8
3.8
0.20
C10
4.9
0.15
C12
4.6
0.20
D12
6.0
0.15
E12
6.7
0.15
--
--
--
4700
A10
5.0
0.12
C10
4.6
0.20
D10
5.3
0.20
D12
5.7
0.20
E10
6.8
0.15
--
--
--
E13
7.6
0.15
5600
A10
5.4
0.12
C10
5.1
0.20
D10
5.8
0.20
D12
6.3
0.20
E12
8.0
0.15
E13
8.3
0.15
E14
9.4
0.15
6800
A12
5.8
0.15
C12
6.1
0.20
D12
6.9
0.20
E12
7.7
0.20
F13
9.2
0.15
E14
9.5
0.15
F14
10.4
0.15
8200
C8
6.4
0.15
D10
7.0
0.20
D12
7.6
0.20
E12
8.4
0.20
F14
11.4
0.15
F14
11.4
0.15
10000
C10
7.8
0.15
D12
8.4
0.20
E12
9.3
0.20
E14
10.0
0.20
F14
12.6
0.15
12000
C12
9.3
0.15
E10
9.4
0.20
E14
10.2
0.20
F14
11.9
0.20
15000
C12
10.4
0.15
E12
11.4
0.20
E14
12.2
0.20
--
--
--
18000
D10
10.4
0.20
E14
13.4
0.20
F14
13.1
0.25
--
--
--
22000
D12
12.5
0.20
F14
14.5
0.25
--
--
--
--
--
--
27000
E12
13.7
0.25
F14
16.0
0.25
--
--
--
--
--
--
Tan δ 25℃ 120Hz
33000
E12
15.2
0.25
--
--
--
--
--
--
--
--
--
Ripple current (Arms) at 105℃ 120Hz
39000
E14
16.1
0.30
--
--
--
--
--
--
--
--
--
Case code
47000
F14
19.3
0.30
--
--
--
--
--
--
--
--
--
56000
F14
21.1
0.30
--
--
--
--
--
--
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com