Electronic Components Datasheet Search
  English  ▼

X  

TCR2BF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR2BF
Description  200 mA CMOS Low Drop-Out Regulator with Auto-discharge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2BF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR2BF Datasheet HTML 1Page - Toshiba Semiconductor TCR2BF Datasheet HTML 2Page - Toshiba Semiconductor TCR2BF Datasheet HTML 3Page - Toshiba Semiconductor TCR2BF Datasheet HTML 4Page - Toshiba Semiconductor TCR2BF Datasheet HTML 5Page - Toshiba Semiconductor TCR2BF Datasheet HTML 6Page - Toshiba Semiconductor TCR2BF Datasheet HTML 7Page - Toshiba Semiconductor TCR2BF Datasheet HTML 8Page - Toshiba Semiconductor TCR2BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TCR2BF series, TCR2BE series
2011-06-06
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR2BF series
TCR2BE series
200 mA CMOS Low Drop-Out Regulator with Auto-discharge
The
TCR2BF
series
and
TCR2BE
series
are
CMOS
general-purpose single-output voltage regulators with an on/off
control input, featuring low dropout voltage and low quiescent bias
current. These voltage regulators can be enabled and disabled via
the CONTROL pin.
These voltage regulators are available in fixed output voltages
between 1.0 V and 5.0 V in SMV package, 1.0 to 3.6V in ESV
package, and capable of driving up to 200 mA. They feature
overcurrent protection and auto-discharge function.
The TCR2BF series and TCR2BE series are offered in the
compact SMV (SOT-25)(SC-74A) and ESV (SOT-553) and allow the
use of small ceramic input and output capacitors. Thus, these
devices are ideal for portable applications that require high-density
board assembly such as cellular phones.
Features
•
Wide fixed output voltage line up
TCR2BF series (SMV package) : VOUT = 1.0 to 5.0 V
TCR2BE series (ESV package) : VOUT = 1.0 to 3.6 V
•
Low output noise voltage ( VNO = 50 μVrms (typ.) at 2.8 V-output, IOUT = 10 mA, 10 Hz <= f <= 100 kHz)
•
Low quiescent bias current ( IB = 75 μA (max) at IOUT = 0 mA )
•
Low stand-by current ( IB(OFF) = 0.1 μA (typ.) at Stand-by mode )
•
High ripple rejection ( R.R. = 70 dB (typ.) at IOUT = 10 mA, f =1kHz )
•
Overcurrent protection
•
Auto-discharge
•
Pull-down connection at CONTROL
•
Ceramic capacitors can be used ( CIN = 0.1μF, COUT =1.0 μF )
•
Small package, SMV (SOT-25) (SC-74A) and ESV (SOT-553)
Pin Assignment (top view)
SMV (SOT-25)(SC-74A)
ESV (SOT-553)
Weight:
SMV (SOT-25)(SC-74A) : 16 mg (typ.)
ESV (SOT-553)
: 3.0 mg (typ.)
SMV
ESV
VOUT
CONTROL
GND
NC
VIN
13
2
4
5
VOUT
CONTROL
GND
NC
VIN
1
3
2
4
5


Similar Part No. - TCR2BF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
RoHS Compliant
More results

Similar Description - TCR2BF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
250 mA Low Drop Out Voltage Regulator
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
300mA CMOS Low Drop Out Linear Regulator
logo
Toshiba Semiconductor
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR4S12DWBG TOSHIBA-TCR4S12DWBG Datasheet
311Kb / 15P
200 mA CMOS Low-Dropout Regulator
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR3DF TOSHIBA-TCR3DF Datasheet
839Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DM TOSHIBA-TCR3DM Datasheet
460Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com