Electronic Components Datasheet Search
  English  ▼

X  

TCR2BF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TCR2BF
Description  200 mA CMOS Low Drop-Out Regulator with Auto-discharge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2BF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TCR2BF Datasheet HTML 9Page - Toshiba Semiconductor TCR2BF Datasheet HTML 10Page - Toshiba Semiconductor TCR2BF Datasheet HTML 11Page - Toshiba Semiconductor TCR2BF Datasheet HTML 12Page - Toshiba Semiconductor TCR2BF Datasheet HTML 13Page - Toshiba Semiconductor TCR2BF Datasheet HTML 14Page - Toshiba Semiconductor TCR2BF Datasheet HTML 15Page - Toshiba Semiconductor TCR2BF Datasheet HTML 16Page - Toshiba Semiconductor TCR2BF Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TCR2BF series, TCR2BE series
2011-06-06
13
9) Control Transient Response (Auto-Discharge)
VOUT=3.0V (Turn on waveform)
VIN = 4.0 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
Time
t ( 100 μs/div )
Time
t ( 100 μs/div )
VOUT=1.8V (Turn on waveform)
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
VOUT=1.0V (Turn on waveform)
VIN = 2.0 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
Time
t ( 100 μs/div )
VOUT=1.0V (Turn off waveform)
Time
t ( 50 μs/div )
VIN = 2.0 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 1mA
IOUT = 50mA
VOUT=1.8V (Turn off waveform)
Time
t ( 50 μs/div )
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50mA
IOUT = 1mA
VOUT=3.0 V (Turn off waveform)
Time
t ( 50 μs/div )
VIN = 4.0 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50mA
IOUT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com