Electronic Components Datasheet Search
  English  ▼

X  

TCR2BF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR2BF
Description  200 mA CMOS Low Drop-Out Regulator with Auto-discharge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2BF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR2BF Datasheet HTML 1Page - Toshiba Semiconductor TCR2BF Datasheet HTML 2Page - Toshiba Semiconductor TCR2BF Datasheet HTML 3Page - Toshiba Semiconductor TCR2BF Datasheet HTML 4Page - Toshiba Semiconductor TCR2BF Datasheet HTML 5Page - Toshiba Semiconductor TCR2BF Datasheet HTML 6Page - Toshiba Semiconductor TCR2BF Datasheet HTML 7Page - Toshiba Semiconductor TCR2BF Datasheet HTML 8Page - Toshiba Semiconductor TCR2BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TCR2BF series, TCR2BE series
2011-06-06
2
List of Products Number, Output Voltage, and Marking
Product No.
Product No.
SMV(SOT-25) ESV(SOT-553)
VOUT
(V)(typ.)
Marking
SMV(SOT-25) ESV(SOT-553)
VOUT
(V)(typ.)
Marking
TCR2BF10
TCR2BE10
1.0
1M0
TCR2BF29*
TCR2BE29*
2.9
2M9
TCR2BF105*
TCR2BE105*
1.05
1MA
TCR2BF295*
TCR2BE295*
2.95
2ME
TCR2BF11*
TCR2BE11*
1.1
1M1
TCR2BF30
TCR2BE30
3.0
3M0
TCR2BF115
TCR2BE115
1.15
1MB
TCR2BF31
TCR2BE31
3.1
3M1
TCR2BF12
TCR2BE12
1.2
1M2
TCR2BF32
TCR2BE32
3.2
3M2
TCR2BF125
TCR2BE125
1.25
1MC
TCR2BF33
TCR2BE33
3.3
3M3
TCR2BF13*
TCR2BE13*
1.3
1M3
TCR2BF34*
TCR2BE34*
3.4
3M4
TCR2BF14*
TCR2BE14*
1.4
1M4
TCR2BF35*
TCR2BE35*
3.5
3M5
TCR2BF15
TCR2BE15
1.5
1M5
TCR2BF36
TCR2BE36
3.6
3M6
TCR2BF16*
TCR2BE16*
1.6
1M6
TCR2BF37*
―
3.7
3M7
TCR2BF17*
TCR2BE17*
1.7
1M7
TCR2BF38*
―
3.8
3M8
TCR2BF175*
TCR2BE175*
1.75
1MF
TCR2BF39*
―
3.9
3M9
TCR2BF18
TCR2BE18
1.8
1M8
TCR2BF40
―
4.0
4M0
TCR2BF19*
TCR2BE19*
1.9
1M9
TCR2BF41*
―
4.1
4M1
TCR2BF20*
TCR2BE20*
2.0
2M0
TCR2BF42*
―
4.2
4M2
TCR2BF21*
TCR2BE21*
2.1
2M1
TCR2BF43*
―
4.3
4M3
TCR2BF22*
TCR2BE22*
2.2
2M2
TCR2BF44*
―
4.4
4M4
TCR2BF23*
TCR2BE23*
2.3
2M3
TCR2BF45
―
4.5
4M5
TCR2BF24*
TCR2BE24*
2.4
2M4
TCR2BF46*
―
4.6
4M6
TCR2BF25
TCR2BE25
2.5
2M5
TCR2BF47*
―
4.7
4M7
TCR2BF26*
TCR2BE26*
2.6
2M6
TCR2BF48*
―
4.8
4M8
TCR2BF27
TCR2BE27
2.7
2M7
TCR2BF49*
―
4.9
4M9
TCR2BF28
TCR2BE28
2.8
2M8
TCR2BF50
―
5.0
5M0
TCR2BF285*
TCR2BE285*
2.85
2MD
Please contact your local Toshiba representative if you are interested in products with * sign
Marking (top view)
Example: TCR2BF33 (3.3 V output)
Example: TCR2BE33 (3.3 V output)
3 M 3
3 M 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com