Electronic Components Datasheet Search
  English  ▼

X  

RT8130B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8130B
Description  12V High Efficiency Synchronous Buck PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8130B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8130B Datasheet HTML 1Page - Richtek Technology Corporation RT8130B Datasheet HTML 2Page - Richtek Technology Corporation RT8130B Datasheet HTML 3Page - Richtek Technology Corporation RT8130B Datasheet HTML 4Page - Richtek Technology Corporation RT8130B Datasheet HTML 5Page - Richtek Technology Corporation RT8130B Datasheet HTML 6Page - Richtek Technology Corporation RT8130B Datasheet HTML 7Page - Richtek Technology Corporation RT8130B Datasheet HTML 8Page - Richtek Technology Corporation RT8130B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT8130B
®
DS8130B-00
June 2015
www.richtek.com
1
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
12V High Efficiency Synchronous Buck PWM Controller
Features
High Light Load Efficiency
Single 5V to 12V Driver Voltage
Integrated High Driving Capability N-MOSFET Gate
Drivers
300kHz Fixed Frequency Internal Oscillator
85% Maximum PWM Duty Cycle
Power Good Indicator
Enable/Disable Control
Internal Soft-Start
Lossless Low-Side MOSFET RDS(ON) Current Sensing
for Over-Current Fault Monitoring
LGATE Over-Current Setting (LGOCS)
Dedicated Output Voltage Monitor
OCP, UVP, OVP, OTP, UVLO
Applications
Motherboard, Memory/Chip-set Power
Graphic Card, GPU/Memory Core Power
Low Voltage, High Current DC/DC Regulator
General Description
The RT8130B is a high efficiency single phase
synchronous Buck DC/DC controller with 5V/12V supply
voltage.
The RT8130B has embedded MOSFET gate driver with
high driving capability, supporting driving voltage up to 12V
for high output current application. This device uses
lossless low-side MOSFET RDS(ON) current sense
technique for over-current protection with adjustable
threshold set by the LGATE pin (LGOCS). Other features
include power good indication, enable/disable control and
internal soft-start. The RT8130B also provides fault
protection functions to protect the power stage output.
With above functions, the IC provides customers a cost-
effective solution for high efficiency power conversion. The
RT8130B is available in the WDFN-10L 3x3 package.
Simplified Application Circuit
VCC
EN
COMP/EN
UGATE
FB
RT8130B
LGATE
BOOT
PHASE
VIN
PGOOD
GND
VOUT
VCC
VPGOOD
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT8130B
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8130B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8130C RICHTEK-RT8130C Datasheet
257Kb / 18P
Power Good Indicator
More results

Similar Description - RT8130B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301F EXCELLIANCE-EM5301F Datasheet
487Kb / 12P
12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com