Electronic Components Datasheet Search
  English  ▼

X  

RT8130B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8130B
Description  12V High Efficiency Synchronous Buck PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8130B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8130B Datasheet HTML 8Page - Richtek Technology Corporation RT8130B Datasheet HTML 9Page - Richtek Technology Corporation RT8130B Datasheet HTML 10Page - Richtek Technology Corporation RT8130B Datasheet HTML 11Page - Richtek Technology Corporation RT8130B Datasheet HTML 12Page - Richtek Technology Corporation RT8130B Datasheet HTML 13Page - Richtek Technology Corporation RT8130B Datasheet HTML 14Page - Richtek Technology Corporation RT8130B Datasheet HTML 15Page - Richtek Technology Corporation RT8130B Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
RT8130B
DS8130B-00
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 6 shows the system Bode plot. The close loop
gain is the sum of modulation gain and the compensation
gain. The modulation DC gain is determined by VIN/
ΔVOSC,
where
ΔVOSC is peak to peak voltage of the saw-tooth
ramp. In general, fZ1 is placed at half of fLC, and fZ2 is
placed at fLC to boost the large phase lag created by the
double pole especially when ESR is low. fP1 is typically
placed at fESR to obtain a
−20dB/dec slope at crossover
frequency. fP2 is placed at half of the switching frequency
to increase the attenuation in high frequency.
After calculating the compensation values, draw the
system Bode plot to check the crossover frequency and
phase margin. Due to the circuit parasitic components
and the characteristic deviation in the inductor and output
capacitors, further tuning of the compensation value to
obtain the required crossover frequency and phase margin
is necessary.
Figure 6. System Bode Plot
0
fLC
fESR
fZ1
(dB)
Freq.(Log)
Modulation Gain
Compensation Gain
Close Loop Gain
fZ2
fP2
fP1
fCROSS
Output voltage of the converter is scaled by the divider
resistors and then compared to the reference voltage, which
is the regulation level seen by the controller. The error
amplifier output voltage VCOMP is compared to the saw-
tooth waveform from the oscillator to generate PWM signal.
The output voltage is then regulated according to the duty
cycle of the PWM signal.

Z1
Z2
SS
FB1
11
f, f
2R
C
2
R2 R
C2



P1
P2
SP
S
SP
11
f, f
2R2 C2
CC
2R
CC



 

Figure 5. Type-III Compensator
+
-
VREF
EA
Z2
Z1
VOUT
FB
RS
C2
R2
CS
CP
RFB1
RFB2
COMP
LC
OUT
OUT
ESR
OUT
1
f
2L
C
1
f
2C
ESR


In order to obtain an accurate output voltage regulation
and fast transient response, a compensator is necessary.
Depending on the inductor and output capacitor, different
type of compensator can be used to finish the feedback
loop compensation. By inserting a well designed
compensator into the feedback loop, the closed loop
control-to-output transfer function can be shaped to have
adequate crossover frequency and sufficient phase margin.
The design goals are:
Obtain high gain at low frequency for DC regulation
accuracy
Obtain sufficient bandwidth for transient performance
(generally, 1/10 to 1/5 switching frequency)
Obtain sufficient phase margin for stability (generally
>45° )
Figure 5 shows the Type-III compensator, which is
composed of voltage error amplifier, impedance network
Z1 and Z2.
The system open loop gain
has two poles at
fLC and one zero at fESR. The frequency of fLC and fESR can
be calculated by the following expressions :
OUT
COMP
ˆ
V
ˆ
V
The Type-III compensator introduces three poles and two
zeros to the system. The first pole is located in low
frequency to increase the DC gain for voltage regulation
accuracy and is usually referred to as the pole at zero.
The location of rest of the two poles and two zeros can be
determined as follows :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com