Electronic Components Datasheet Search
  English  ▼

X  

RT8130B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8130B
Description  12V High Efficiency Synchronous Buck PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8130B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8130B Datasheet HTML 1Page - Richtek Technology Corporation RT8130B Datasheet HTML 2Page - Richtek Technology Corporation RT8130B Datasheet HTML 3Page - Richtek Technology Corporation RT8130B Datasheet HTML 4Page - Richtek Technology Corporation RT8130B Datasheet HTML 5Page - Richtek Technology Corporation RT8130B Datasheet HTML 6Page - Richtek Technology Corporation RT8130B Datasheet HTML 7Page - Richtek Technology Corporation RT8130B Datasheet HTML 8Page - Richtek Technology Corporation RT8130B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
RT8130B
DS8130B-00
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
+
-
-
+
+
-
-
+
UV
OV
UV_level
OV_level
PGH_level
PGL_level
COMP/EN
+
-
CMP
PWM
+
-
CMP
VREF
+
-
EA
VREF
PGOOD
FB
Current
Sense & OCP
Comparator
-1
LGATE
GND
VCC
IOCSET
VCC
BOOT
UGATE
PHASE
Control
Logic
Regulator
VCC
OC
Operation
The RT8130B is a high efficiency single-phase
synchronous Buck controller with integrated MOSFET
driver. The controller has a fixed frequency control, a fixed
frequency 300kHz oscillator is integrated to minimize
external components.
Enable
The RT8130B remains in shutdown if the COMP/EN pin
is lower than 0.3V (Max). When the COMP/EN pin rises
above the enable trip point, the RT8130B will begin a soft-
start cycle.
Over-Current Threshold Setting
Current limit threshold is externally programmed by adding
a resistor (ROCSET) between LGATE and GND. Once VCC
exceeds the POR threshold, an internal current source
IOC flows through ROCSET. The voltage across ROCSET is
stored as the current limit protection threshold. After that,
the current source is switched off.
Under-Voltage Protection
If the FB voltage is lower than the UVP threshold during
normal operation, UVP will be triggered. When the UVP
is triggered, both UGATE and LGATE go low until VCC is
resupplied and exceeds the POR rising threshold voltage.
Over-Voltage Protection
If the FB pin voltage is higher than the OVP threshold
during normal operation, OVP will be triggered. When OVP
is triggered, UGATE will go low and LGATE will go high
until VCC is resupplied and exceeds the POR rising
threshold voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com