Electronic Components Datasheet Search
  English  ▼

X  

RT8489 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8489 Datasheet HTML 1Page - Richtek Technology Corporation RT8489 Datasheet HTML 2Page - Richtek Technology Corporation RT8489 Datasheet HTML 3Page - Richtek Technology Corporation RT8489 Datasheet HTML 4Page - Richtek Technology Corporation RT8489 Datasheet HTML 5Page - Richtek Technology Corporation RT8489 Datasheet HTML 6Page - Richtek Technology Corporation RT8489 Datasheet HTML 7Page - Richtek Technology Corporation RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT8489
5
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Overall
Supply Current
IVCC
VVC ≤ 0.4V (Switching off)
--
5
8
mA
Shutdown Current
ISHDN
VEN ≤ 1.2V
--
5
--
μA
Logic-High
VIH
2
--
--
EN Input Voltage
Logic-Low
VIL
--
--
0.5
V
EN Input Current
IEN
VEN ≤ 3.3V
--
2
--
μA
LED Current Programming
SENSE1-SENSE4 Threshold
6V > VGATEx > 2V
214
225
236
mV
SENSE Voltage CH to CH Matching
(MAX)
(MIN)
(avg)
VV
2V
−
×
--
1.5
3
%
Analog Dimming ACTL Input Current IACTL
VACTL ≤ 6V
--
--
10
μA
LED Current Off Threshold at ACTL
VACTL_OFF
--
0.4
--
V
Absolute Maximum Ratings (Note 1)
VCC ---------------------------------------------------------------------------------------------------------------------------
−0.3V to 32V
ISENSE
DC------------------------------------------------------------------------------------------------------------------------------
−0.3V to 2V
< 20ns ------------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
GBIAS-------------------------------------------------------------------------------------------------------------------------
−0.3V to 14V
SENSE1 to SENSE4
DC------------------------------------------------------------------------------------------------------------------------------
−0.3V to 1V
< 20ns ------------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
LED1 - LED4 (Note 5) ----------------------------------------------------------------------------------------------------
−0.3V to 20V
DCTL, ACTL, EN, OVP ---------------------------------------------------------------------------------------------------
−0.3V to 10V
Power Dissipation, PD@TA= 25
°C
SOP-24 ----------------------------------------------------------------------------------------------------------------------- 1.3W
Package Thermal Resistance (Note 2)
SOP-24,
θJA ----------------------------------------------------------------------------------------------------------------- 77°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------ 200V
(VIN = 12V, No Load, TA = 25
°C, unless otherwise specified)
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------- 7V to 28V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com