Electronic Components Datasheet Search
  English  ▼

X  

RT8489 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8489 Datasheet HTML 1Page - Richtek Technology Corporation RT8489 Datasheet HTML 2Page - Richtek Technology Corporation RT8489 Datasheet HTML 3Page - Richtek Technology Corporation RT8489 Datasheet HTML 4Page - Richtek Technology Corporation RT8489 Datasheet HTML 5Page - Richtek Technology Corporation RT8489 Datasheet HTML 6Page - Richtek Technology Corporation RT8489 Datasheet HTML 7Page - Richtek Technology Corporation RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT8489
3
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
13, 16, 19, 22 SENSEx
Source of External MOSFETx (x = 1 to 4).
The SENSEx pins are regulated around 225mV. Connect a sense resistor from
this pin to GND. The LED current is set by ILED = 225mV / (sense resistance)
when VACTL is greater than 1.4V.
14, 17, 20, 23 GATEx
Gate Drive Output for External MOSFETx (x = 1 to 4).
15, 18, 21, 24 LEDx
LED String Voltage Sense Input. Connect these pins to the Drain of External
MOSFETx (x = 1 to 4). Short the pin to GND if not used.
Function Block Diagram
+
-
PWM
Control
OSC
VOUT
Regulation
Unit
+
-
+
-
10V
VCC
5.5V
1.23V
RSET
OVP
VC
LED1
LED2
LED3
LED4
SS
GBIAS
GATE
ISENSE
LED1
GATE1
SENSE1
LED2
GATE2
SENSE2
LED3
GATE3
SENSE3
LED4
GATE4
SENSE4
GBIAS
3.2V
+
-
+
-
GBIAS
+
-
GBIAS
8µA
3.2V
+
-
Shutdown
1.4V
EN
+
-
3.2V
1.4V
1.4V
DCTL
ACTL
+
-
GND
GBIAS
3.2V
3.2V
3.2V
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com