Electronic Components Datasheet Search
  English  ▼

X  

RT8489 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8489
Description  High Voltage 4-CH LED Driver Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8489 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8489 Datasheet HTML 5Page - Richtek Technology Corporation RT8489 Datasheet HTML 6Page - Richtek Technology Corporation RT8489 Datasheet HTML 7Page - Richtek Technology Corporation RT8489 Datasheet HTML 8Page - Richtek Technology Corporation RT8489 Datasheet HTML 9Page - Richtek Technology Corporation RT8489 Datasheet HTML 10Page - Richtek Technology Corporation RT8489 Datasheet HTML 11Page - Richtek Technology Corporation RT8489 Datasheet HTML 12Page - Richtek Technology Corporation RT8489 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT8489
9
DS8489-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Load Transient Response
Time (250
μs/Div)
GATE
(5V/Div)
IOUT
(100mA/Div)
VOUT
(50V/Div)
ACTL
(5V/Div)
VIN = 24V, PWM = 1kHz, Duty = 50%
Power On from EN
Time (100
μs/Div)
VIN = 24V, ILED = 400mA, CSS = 0.1
μF
EN
(5V/Div)
GATE
(5V/Div)
LED1
(500mA/Div)
VOUT
(50V/Div)
Soft-Start Current vs. Input Voltage
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
4
8
12
16
20
24
28
Input Voltage (V)
Shutdown Current vs. Input Voltage
0
1
2
3
4
5
6
7
4
8
12
16
20
24
28
Input Voltage (V)
EN = 0
ISENSE Threshold Voltage vs. Input Voltage
50
60
70
80
90
100
110
120
130
140
150
4
8
12
16
20
24
28
Input Voltage (V)
LED Regulated Voltage vs. Input Voltage
650
660
670
680
690
700
4
8
12
16
20
24
28
Input Voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com