Electronic Components Datasheet Search
  English  ▼

X  

RT8511B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8511B
Description  43V Asynchronous Boost WLED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8511B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8511B Datasheet HTML 1Page - Richtek Technology Corporation RT8511B Datasheet HTML 2Page - Richtek Technology Corporation RT8511B Datasheet HTML 3Page - Richtek Technology Corporation RT8511B Datasheet HTML 4Page - Richtek Technology Corporation RT8511B Datasheet HTML 5Page - Richtek Technology Corporation RT8511B Datasheet HTML 6Page - Richtek Technology Corporation RT8511B Datasheet HTML 7Page - Richtek Technology Corporation RT8511B Datasheet HTML 8Page - Richtek Technology Corporation RT8511B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT8511B
®
DS8511B-05
February 2015
www.richtek.com
1
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
43V Asynchronous Boost WLED Driver
General Description
The RT8511B is an LED driver IC that can support up to
10 WLED in series. It is composed of a current mode
boost converter integrated with a 43V/2.2A power switch
running at a fixed 500kHz frequency and covering a wide
VIN range from 2.7V to 24V.
The white LED current is set with an external resistor, and
the feedback voltage is regulated to 200mV (typ.). During
operation, the LED current can be controlled by the PWM
input signal in which the duty cycle determines the
feedback reference voltage.
For brightness dimming, the RT8511B is able to maintain
steady control of the LED current. Therefore, no audible
noises are generated on the output capacitor. The RT8511B
also has programmable over voltage pin to prevent the
output from exceeding absolute maximum ratings during
open LED conditions. The RT8511B is available in
WDFN-8L 2x2 package.
Features
Wide Input Voltage Range : 2.7V to 24V
High Output Voltage : up to 43V
Direct PWM Dimming Control and Frequency from
100Hz to 8kHz
Internal Soft-Start and Compensation
200mV Reference Voltage
PWM Dimming with Internal Filter
Programmable Over Voltage Protection
Over Temperature Protection
Current Limit Protection
Thin 8-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
UMPC and Notebook Computer Backlight
GPS, Portable DVD Backlight
OVP
FB
GND
EN
PWM
VIN
LX
DIMC
7
6
5
1
2
3
4
8
9
0F : Product Code
W : Date Code
0FW
Package Type
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8511B


Similar Part No. - RT8511B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8509GQW RICHTEK-RT8509GQW Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results

Similar Description - RT8511B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com