Electronic Components Datasheet Search
  English  ▼

X  

RT8511B Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8511B
Description  43V Asynchronous Boost WLED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8511B Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8511B Datasheet HTML 1Page - Richtek Technology Corporation RT8511B Datasheet HTML 2Page - Richtek Technology Corporation RT8511B Datasheet HTML 3Page - Richtek Technology Corporation RT8511B Datasheet HTML 4Page - Richtek Technology Corporation RT8511B Datasheet HTML 5Page - Richtek Technology Corporation RT8511B Datasheet HTML 6Page - Richtek Technology Corporation RT8511B Datasheet HTML 7Page - Richtek Technology Corporation RT8511B Datasheet HTML 8Page - Richtek Technology Corporation RT8511B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT8511B
2
DS8511B-05
February 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
1
OVP
Over Voltage Protection for Boost Converter. The detecting threshold is 1.2V.
2
FB
Feedback. Connect a resistor between this pin and GND to set the LED current.
3
DIMC
PWM Filter. Filter the PWM signal to a DC voltage.
4
GND
Ground.
5
LX
Switch Node for Boost Converter.
6
VIN
Power Supply Input.
7
PWM
Dimming Control Input.
8
EN
Chip Enable (Active High) for Boost Converter.
9 (Exposed Pad)
GND
The exposed pad must be soldered to a large PCB and connected to AGND for
m aximum power dissipation.
Functional Pin Description
Typical Application Circuit
Figure 1. Typical Application Circuit of Normal Operation
Figure 2. Typical Application Circuit of Low Voltage Operation
RT8511B
L
FB
VIN
GND
OVP
LX
VOUT
:
:
:
:
:
:
:
:
:
:
:
:
WLEDs
VIN
4.2V to 24V
EN
D
COUT
R2
R1
CIN
Chip Enable
1
4, 9 (Exposed Pad)
2
5
6
8
1µF x 2
3.3M
100k
10µH
1µF x 2
DIMC
3
1µF
PWM
7
PWM
100Hz to 8kHz
CDIMC
RSET
3.3
RT8511B
L
FB
VIN
GND
OVP
LX
VOUT
:
:
:
:
:
:
:
:
:
:
:
:
WLEDs
VLED
2.7V to 24V
EN
D
COUT
R2
R1
CIN
Chip Enable
1
4, 9 (Exposed Pad)
2
5
6
8
1µF x 2
3.3M
100k
10µH
1µF
DIMC
3
1µF
PWM
7
PWM
100Hz to 8kHz
CDIMC
RSET
3.3
CLED
1µF x 2
VIN
2.7V to 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com