Electronic Components Datasheet Search
  English  ▼

X  

RT9045A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9045A
Description  The RT9045A is a simple
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9045A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9045A Datasheet HTML 1Page - Richtek Technology Corporation RT9045A Datasheet HTML 2Page - Richtek Technology Corporation RT9045A Datasheet HTML 3Page - Richtek Technology Corporation RT9045A Datasheet HTML 4Page - Richtek Technology Corporation RT9045A Datasheet HTML 5Page - Richtek Technology Corporation RT9045A Datasheet HTML 6Page - Richtek Technology Corporation RT9045A Datasheet HTML 7Page - Richtek Technology Corporation RT9045A Datasheet HTML 8Page - Richtek Technology Corporation RT9045A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9045A
4
DS9045A-00
January 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
VIN
Input voltage which supplies current to the output pin.
Connect this pin to a well-decoupled supply voltage. To
prevent the input rail from dropping during large load
transient, a large, low ESR capacitor is recommended to
use. The capacitor should be placed as close as possible
to the VIN pin.
GND (Exposed Pad)
Common Ground. The exposed pad must be soldered to
a large PCB and connected to GND for maximum power
dissipation.
VCNTL
VCNTL supplies the internal control circuitry and provides
the drive voltage. The driving capability of output current
is proportioned to the VCNTL. Connect this pin to 5V bias
supply to handle large output current with at least 1
μF
capacitor from this pin to GND. An important note is that
VIN should be kept lower or equal to VCNTL.
Function Block Diagram
GND
VCNTL
REFEN
Current Limit
Thermal Protection
+
-
EA
VOUT
VIN
REFEN
Reference voltage input and active low shutdown control
pin. Two resistors dividing down the VIN voltage on this
pin to create the regulated output voltage. Pulling this pin
to ground turns off the device by an open-drain, such as
2N7002, signal N-MOSFET.
VOUT
Regulator output. VOUT is regulated to REFEN voltage
that is used to terminate the bus resistors. It is capable
of sinking and sourcing current while regulating the output
rail. To maintain adequate large signal transient response,
typical value of 10
μF ceramic capacitors are recommended
to reduce the effects of current transients on VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com