Electronic Components Datasheet Search
  English  ▼

X  

RT9045A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9045A
Description  The RT9045A is a simple
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9045A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9045A Datasheet HTML 1Page - Richtek Technology Corporation RT9045A Datasheet HTML 2Page - Richtek Technology Corporation RT9045A Datasheet HTML 3Page - Richtek Technology Corporation RT9045A Datasheet HTML 4Page - Richtek Technology Corporation RT9045A Datasheet HTML 5Page - Richtek Technology Corporation RT9045A Datasheet HTML 6Page - Richtek Technology Corporation RT9045A Datasheet HTML 7Page - Richtek Technology Corporation RT9045A Datasheet HTML 8Page - Richtek Technology Corporation RT9045A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9045A
3
DS9045A-00 January 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 3. Current Limit for High Side, ILIM
Figure 4. Current Limit for Low Side, ILIM
Figure 5. REFEN Pin Shutdown Threshold, VIH & VIL
VIN
REFEN
GND
VCNTL
VOUT
RT9045A
0.9V/0.75V/0.675V/0.6V
COUT
IL
VOUT
V
VIN = 1.8V/1.5V/1.35V/1.2V
VCNTL = 5V
A
VIN
REFEN
GND
VCNTL
VOUT
RT9045A
0.9V/0.75V/0.675V/0.6V
COUT
IL
VOUT
V
VIN = 1.8V/1.5V/1.35V/1.2V
VCNTL = 5V
A
VIN
REFEN
GND
VCNTL
VOUT
RT9045A
VIN = 1.8V/1.5V/1.35V/1.2V
COUT
VOUT
V
RL
0.9V/0.75V
0V
RL and COUT
Time delay
0.9V/0.75V/0.675V/0.6V
0.15V
VOUT
VREFEN
VOUT would be low if VREFEN < 0.15V
VOUT would be high if VREFEN > 0.4V
VCNTL = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com