Electronic Components Datasheet Search
  English  ▼

X  

RT9045A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9045A
Description  The RT9045A is a simple
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9045A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9045A Datasheet HTML 1Page - Richtek Technology Corporation RT9045A Datasheet HTML 2Page - Richtek Technology Corporation RT9045A Datasheet HTML 3Page - Richtek Technology Corporation RT9045A Datasheet HTML 4Page - Richtek Technology Corporation RT9045A Datasheet HTML 5Page - Richtek Technology Corporation RT9045A Datasheet HTML 6Page - Richtek Technology Corporation RT9045A Datasheet HTML 7Page - Richtek Technology Corporation RT9045A Datasheet HTML 8Page - Richtek Technology Corporation RT9045A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9045A
®
DS9045A-00 January 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
Ordering Information
General Description
The RT9045A is a simple, cost-effective and high-speed
linear regulator designed to generate termination voltage
in Double Data Rate (DDR) memory system to comply
with the devices requirements. The regulator is capable
of actively sinking or sourcing up to 1.8A while regulating
an output voltage to within 20mV. The output termination
voltage can be tightly regulated to track VDDQ / 2 by two
external voltage divider resistors or the desired output
voltage can be programmed by externally forcing the
REFEN pin voltage.
The RT9045A also incorporates a high-speed differential
amplifier to provide ultra-fast response in line/load transient.
Other features include extremely low initial offset voltage,
excellent load regulation, current limiting in bi-directions
and on-chip thermal shutdown protection.
Features
Ideal for DDR VTT Applications
Sink and Source Current :
 DDRII 1.8A Sink/Source @ VIN = 1.8V
 DDRIII 1.5A Sink/Source @ VIN = 1.5V
 LPDDRIII 1.2A Sink/Source @ VIN = 1.35V
 DDRIV 1.2A Sink/Source @ VIN = 1.2V
Integrated Power MOSFETs
Generate Termination Voltage for DDR Memory
Interfaces
Stable with Output Ceramic Capacitor
High Accuracy Output Voltage at Full-Load
Output Adjustment by Two External Resistors
Low External Component Count
Shutdown for Suspend to RAM (STR) Functionality
with High Impedance Output
Current Limiting Protection
On-Chip Thermal Protection
RoHS Compliant
Applications
Desktop PCs, Notebooks, and Workstations
Graphics Card Memory Termination
Set Top Boxes, Digital TVs, Printers
Embedded Systems
Active Termination Buses
DDR Memory Systems
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
VIN
GND
REFEN
VOUT
NC
NC
NC
VCNTL
GND
2
3
4
5
6
7
8
9
Marking Information
RT9045AGSP : Product Number
YMDNN : Date Code
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT9045A
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9045A
GSPYMDNN


Similar Part No. - RT9045A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9045GSP RICHTEK-RT9045GSP Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9045ZSP RICHTEK-RT9045ZSP Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
More results

Similar Description - RT9045A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
The BL8528 is a synchronous
logo
Taiwan Memory Technolog...
T8601 TMT-T8601 Datasheet
189Kb / 2P
The T8601 is a low cost, simple, high-efficiency off-line LED driver IC.
T8611 TMT-T8611 Datasheet
189Kb / 2P
The T8611 is a simple, high voltage, linear current regulator.
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8025 HMSEMI-HM8025 Datasheet
520Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM9024 HMSEMI-HM9024 Datasheet
595Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com