Electronic Components Datasheet Search
  English  ▼

X  

RT9420 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9420
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9420 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9420 Datasheet HTML 1Page - Richtek Technology Corporation RT9420 Datasheet HTML 2Page - Richtek Technology Corporation RT9420 Datasheet HTML 3Page - Richtek Technology Corporation RT9420 Datasheet HTML 4Page - Richtek Technology Corporation RT9420 Datasheet HTML 5Page - Richtek Technology Corporation RT9420 Datasheet HTML 6Page - Richtek Technology Corporation RT9420 Datasheet HTML 7Page - Richtek Technology Corporation RT9420 Datasheet HTML 8Page - Richtek Technology Corporation RT9420 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9420
4
DS9420-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 3)
Supply Voltage, VDD ----------------------------------------------------------------------------------------------------- 2.5V to 4.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DC Section
Active Current
IACTIVE
--
22
40
A
Sleep-Mode Current
(Note 5) ISLEEP
VDD = 2.5V
--
0.5
1
A
--
1
3
Time-Base Accuracy
tERR
TA = 20C to 70C
(Note 4)
3.5
1
3.5
%
Voltage Measurement Error
VGERR
VBAT = 4V
12.5
--
12.5
mV
25
--
25
VBAT Pin Input Impedance
RVBAT
15
--
--
M
SCL, SDA, QS
Input Voltage
Logic-High
All voltage reference to GND
1.4
--
--
V
Logic-Low
All voltage reference to GND
--
--
0.5
SDA Output Logic-Low
VOL_SDA
IOL_SDA = 4mA, All voltage reference
to GND
--
--
0.4
V
ALERT Output Logic-Low
VOL_ALERT
IOL_ALERT = 2mA, All voltage
reference to GND
--
--
0.4
V
SCL, SDA Pull-Down Current
IPD
VDD = 4.5V, VSCL = VSDA = 0.4V
--
0.2
0.4
A
Bus Low Timeout
tSLEEP
(Note 6)
2
--
3
s
(2.5V
≤ VDD ≤ 4.5V, TA = 25°C unless otherwise specified) (Note 4)
Absolute Maximum Ratings
(Note 1)
Voltage on TEST Pin Relative to GND --------------------------------------------------------------------------------
−0.3V to 5.5V
Voltage on VBAT Pin Relative to GND
-------------------------------------------------------------------------------
−0.3V to 5.5V
Voltage on All Other Pins Relative to GND
--------------------------------------------------------------------------
−0.3V to 6V
SCL, SDA, QS, ALERT to GND
---------------------------------------------------------------------------------------
−0.3V to 5.5V
VBAT to GND
---------------------------------------------------------------------------------------------------------------
−0.3V to 5V
Power Dissipation, PD @ TA = 25
°C
WDFN-8L 2x3 -------------------------------------------------------------------------------------------------------------- 3.17W
Package Thermal Resistance (Note 2)
WDFN-8L 2x3,
θJA --------------------------------------------------------------------------------------------------------- 31.5°C/W
WDFN-8L 2x3,
θJC--------------------------------------------------------------------------------------------------------- 7.5°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature Range -------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com