Electronic Components Datasheet Search
  English  ▼

X  

RT9420 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9420
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9420 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9420 Datasheet HTML 3Page - Richtek Technology Corporation RT9420 Datasheet HTML 4Page - Richtek Technology Corporation RT9420 Datasheet HTML 5Page - Richtek Technology Corporation RT9420 Datasheet HTML 6Page - Richtek Technology Corporation RT9420 Datasheet HTML 7Page - Richtek Technology Corporation RT9420 Datasheet HTML 8Page - Richtek Technology Corporation RT9420 Datasheet HTML 9Page - Richtek Technology Corporation RT9420 Datasheet HTML 10Page - Richtek Technology Corporation RT9420 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9420
7
DS9420-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
(TA = 25
°°°°°C, battery is Sanyo UF534553F, unless otherwise specified.)
* : Sample accuracy with custom parameters into the IC.
Voltage ADC Error vs. Temperature
-25
-20
-15
-10
-5
0
5
10
15
20
25
-20
-5
1025405570
Temperature (°C)
VBAT = 3V
VBAT = 3.6V
VBAT = 4.3V
Constant Discharge C/4 SOC Accuracy *
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
1012
1416
1820
Time (h)
-10
-8
-6
-4
-2
0
2
4
6
8
10
Reference SOC
RT9420 SOC
Error
Constant Discharge C/2 SOC Accuracy *
0
10
20
30
40
50
60
70
80
90
100
02
468
10
12
14
Time (h)
-10
-8
-6
-4
-2
0
2
4
6
8
10
Reference SOC
RT9420 SOC
Error
Zigzag Discharge C/2 SOC Accuracy *
0
10
20
30
40
50
60
70
80
90
100
0246
8
10
12
Time (h)
-10
-8
-6
-4
-2
0
2
4
6
8
10
Reference SOC
RT9420 SOC
Error
Quiescent Current vs. Supply Voltage
0
5
10
15
20
25
30
35
40
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
Supply Voltage (V)
70
°C
25
°C
−20°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com