Electronic Components Datasheet Search
  English  ▼

X  

RT9420 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9420
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9420 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9420 Datasheet HTML 1Page - Richtek Technology Corporation RT9420 Datasheet HTML 2Page - Richtek Technology Corporation RT9420 Datasheet HTML 3Page - Richtek Technology Corporation RT9420 Datasheet HTML 4Page - Richtek Technology Corporation RT9420 Datasheet HTML 5Page - Richtek Technology Corporation RT9420 Datasheet HTML 6Page - Richtek Technology Corporation RT9420 Datasheet HTML 7Page - Richtek Technology Corporation RT9420 Datasheet HTML 8Page - Richtek Technology Corporation RT9420 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9420
5
DS9420-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
I
2C Interface
Clock Operating Frequency
fSCL
(Note 7)
10
--
250
kHz
Bus Free Time Between a
STOP and START Condition
tBUF
1.3
--
--
s
Hold Time After START
Condition
tHD_STA
(Note 7)
0.6
--
--
s
Low Period of the SCL Clock
tLOW
1.3
--
--
s
High Period of the SCL Clock tHIGH
0.6
--
--
s
Setup Time for a Repeated
START Condition
tSU_STA
0.6
--
--
s
Data Hold Time
tHD_DAT
(Note 8, Note 9)
0.2
--
0.9
ms
Data Setup Time
tSU_DAT
(Note 8)
100
--
--
ns
Clock Data Rising Time
tR
20
--
300
ns
Clock Data Falling Time
tF
20
--
300
ns
Set-Up Time for STOP
Condition
tSU_STO
0.6
--
--
s
Spike Pulse Widths
Suppressed by Input Filter
tSP
(Note 10)
0
--
50
ns
Capacitive Load for Each Bus
Line
CB
(Note 11)
400
--
--
pF
SCL, SDA Input Capacitance
CBIN
--
--
60
pF
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4. Specifications are 100% tested at TA = 25
°C. Limits over the operating range are guaranteed by design and
characterization.
Note 5. SDA, SCL = GND; QS, ALERT idle.
Note 6. The RT9420 enter sleep mode after SCL and SDA low for longer than 3s.
Note 7. fSCL must meet the minimum clock low time plus the rise/fall time.
Note 8. The maximum tHD_DAT has only to be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 9. This device internally provides a hold time of at least 75ns for the SDA signal to bridge the undefined region of the
falling edge of SCL.
Note 10. Filters on SDA and SCL suppress noise spikes at the input buffers and delay the sampling instant.
Note 11. CB total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com