Electronic Components Datasheet Search
  English  ▼

X  

MRF157 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF157
Description  MOS LINEAR RF POWER FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF157 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF157 Datasheet HTML 1Page - Tyco Electronics MRF157 Datasheet HTML 2Page - Tyco Electronics MRF157 Datasheet HTML 3Page - Tyco Electronics MRF157 Datasheet HTML 4Page - Tyco Electronics MRF157 Datasheet HTML 5Page - Tyco Electronics MRF157 Datasheet HTML 6Page - Tyco Electronics MRF157 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
40
30
20
10
0
02
46
8
TYPICAL DEVICE SHOWN
VDS = 10 V
VGS(th) = 3.5 V
gfs = 24 mhos
VGS, GATE-SOURCE VOLTAGE (VOLTS)
100
10
1
2
20
200
TC = 25°C
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
Figure 2. Power Gain versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. DC Safe Operating Area
Figure 5. Capacitance versus Drain Voltage
Figure 6. Gate Voltage versus Drain Current
Figure 7. Gate–Source Voltage versus
Case Temperature
30
25
20
15
10
5
0
12
10
5
20
100
50
f, FREQUENCY (MHz)
VDD = 50 V
IDQ = 800 mA
Pout = 600 W
800
600
400
200
0
800
600
400
200
0
04080
VDS = 50 V
40 V
04
8
12
16
IDQ = 800 mA
Pin, INPUT POWER (WATTS)
VDS = 50 V
40 V
5000
2000
1000
500
200
100
50
1
2
5
10
20
50
100
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
1.04
1.03
1.02
1.01
1
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
0.91
0.9
-25
0
25
50
75
100
ID = 20 A
16 A
8 A
4 A
1 A
0.4 A
TC, CASE TEMPERATURE (°C)
3
REV 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com