Electronic Components Datasheet Search
  English  ▼

X  

MRF157 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF157
Description  MOS LINEAR RF POWER FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF157 Datasheet(HTML) 6 Page - Tyco Electronics

  MRF157 Datasheet HTML 1Page - Tyco Electronics MRF157 Datasheet HTML 2Page - Tyco Electronics MRF157 Datasheet HTML 3Page - Tyco Electronics MRF157 Datasheet HTML 4Page - Tyco Electronics MRF157 Datasheet HTML 5Page - Tyco Electronics MRF157 Datasheet HTML 6Page - Tyco Electronics MRF157 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Gate Voltage Rating — Never exceed the gate voltage
rating. Exceeding the rated VGS can result in permanent
damage to the oxide layer in the gate region.
Gate Termination — The gates of these devices are es-
sentially capacitors. Circuits that leave the gate open–cir-
cuited or floating should be avoided. These conditions can
result in turn–on of the devices due to voltage build–up on
the input capacitor due to leakage currents or pickup.
Gate Protection — These devices do not have an internal
monolithic zener diode from gate–to–source. The addition of
an internal zener diode may result in detrimental effects on
the reliability of a power MOSFET. If gate protection is re-
quired, an external zener diode is recommended.
IMPEDANCE CHARACTERISTICS
Device input and output impedances are normally obtained
by measuring their conjugates in an optimized narrow band test
circuit. These test circuits are designed and constructed for a
number of frequency points depending on the frequency cover-
age of characterization. For low frequencies the circuits consist
of standard LC matching networks including variable capacitors
for peak tuning. At increasing power levels the output imped-
ance decreases, resulting in higher RF currents in the matching
network. This makes the practicality of output impedance mea-
surements in the manner described questionable at power lev-
els higher than 200–300 W for devices operated at 50 V and
150–200 W for devices operated at 28 V. The physical sizes
and values required for the components to withstand the RF
currents increase to a point where physical construction of the
output matching network gets difficult if not impossible. For this
reason the output impedances are not given for high power de-
vices such as the MRF154 and MRF157. However, formulas
like
(VDS – Vsat)2
2Pout
for
a
single
ended
design
or 2((VDS – Vsat)
2)
Pout
for a push–pull design can be used to
obtain reasonably close approximations to actual values.
MOUNTING OF HIGH POWER RF
POWER TRANSISTORS
The package of this device is designed for conduction
cooling. It is extremely important to minimize the thermal re-
sistance between the device flange and the heat dissipator.
If a copper heatsink is not used, a copper head spreader is
strongly recommended between the device mounting sur-
faces and the main heatsink. It should be at least 1/4
″ thick
and extend at least one inch from the flange edges. A thin
layer of thermal compound in all interfaces is, of course, es-
sential. The recommended torque on the 4–40 mounting
screws should be in the area of 4–5 lbs.–inch, and spring
type lock washers along with flat washers are recommended.
For die temperature calculations, the
∆ temperature from a
corner mounting screw area to the bottom center of the
flange is approximately 5
°C and 10°C under normal operat-
ing conditions (dissipation 150 W and 300 W respectively).
The main heat dissipator must be sufficiently large and
have low Rθ for moderate air velocity, unless liquid cooling is
employed.
CIRCUIT CONSIDERATIONS
At high power levels (500 W and up), the circuit layout be-
comes critical due to the low impedance levels and high RF
currents associated with the output matching. Some of the
components, such as capacitors and inductors must also
withstand these currents. The component losses are directly
proportional to the operating frequency. The manufacturers
specifications on capacitor ratings should be consulted on
these aspects prior to design.
Push–pull circuits are less critical in general, since the
ground referenced RF loops are practically eliminated, and
the impedance levels are higher for a given power output.
High power broadband transformers are also easier to de-
sign than comparable LC matching networks.
EQUIVALENT TRANSISTOR PARAMETER TERMINOLOGY
Collector
Drain
. . . . . . . . . . . . . . . . .
Emitter
Source
. . . . . . . . . . . . . . . . .
Base
Gate
. . . . . . . . . . . . . . . . .
V(BR)CES
V(BR)DSS
. . . . . . . . . . . . . . . . .
VCBO
VDGO
. . . . . . . . . . . . . . . . .
IC
ID
. . . . . . . . . . . . . . . . . . . . . .
ICES
IDSS
. . . . . . . . . . . . . . . . .
IEBO
IGSS
. . . . . . . . . . . . . . . . .
VBE(on)
VGS(th)
. . . . . . . . . . . . . . . . .
VCE(sat)
VDS(on)
. . . . . . . . . . . . . . . . .
Cib
Ciss
. . . . . . . . . . . . . . . . .
Cob
Coss
. . . . . . . . . . . . . . . . .
hfe
gfs
. . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . .
RCE(sat) =
VCE(sat)
IC
RDS(on) =
VDS(on)
ID
6
REV 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com