Electronic Components Datasheet Search
  English  ▼

X  

RFVA0016 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVA0016
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA0016 Datasheet(HTML) 2 Page - RF Micro Devices

  RFVA0016 Datasheet HTML 1Page - RF Micro Devices RFVA0016 Datasheet HTML 2Page - RF Micro Devices RFVA0016 Datasheet HTML 3Page - RF Micro Devices RFVA0016 Datasheet HTML 4Page - RF Micro Devices RFVA0016 Datasheet HTML 5Page - RF Micro Devices RFVA0016 Datasheet HTML 6Page - RF Micro Devices RFVA0016 Datasheet HTML 7Page - RF Micro Devices RFVA0016 Datasheet HTML 8Page - RF Micro Devices RFVA0016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2 of 19
RFVA0016
DS140422
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
VDC
Control Voltage
5.5
VDC
RF Input
24
dBm
DC Supply Current
200
mA
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
170
°C
ESD Rating (HBM)
>1000 Class 1C
V
ESD Rating (CDM)
>1000 Class IV
V
Thermal Resistance (RTH)57
°C/W
MTTF > 1E6 hours at 170°C junction temperature
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
728MHz to 746MHz
Frequency Band
All specifications for 25 °C, 5V, unless other-
wise stated.
Gain
24
29
dB
Adjustment Range
30
35
dB
Output IP3
41
dBm
Max gain
Output P1dB
25
dBm
Max gain
ACPR
-65
-62
dBc
Dual carrier WCDMA, 7.5dB CF at nominal
operating output power of 10dBm
Gain Flatness
0.3
dB
Over 50MHz BW
Control Voltage
0
3.3
V
Mode Pin = 0V
Noise Figure
5
dB
Min attenuator setting
Impedance
50
Ω
Input Return Loss
18
dB
Output Return Loss
12.5
dB
2110MHz to 2170MHz
Frequency Band
All specifications for 25 °C, 5V, unless other-
wise stated.
Gain
24
26
dB
Adjustment Range
35
40
dB
Output IP3
40
dBm
Max gain
Output P1dB
24
dBm
Max gain
ACPR
-65
-62
dBc
Dual carrier WCDMA, 7.5dB CF at nominal
operating output power of 10dBm
Gain Flatness
0.3
dB
Over 50MHz BW
Control Voltage
0
3.3
V
Mode Pin = 0V
Noise Figure
5
dB
Min attenuator setting
Impedance
50
Ω
Input Return Loss
21
dB
Output Return Loss
16
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com