Electronic Components Datasheet Search
  English  ▼

X  

RFVA0016 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVA0016
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA0016 Datasheet(HTML) 1 Page - RF Micro Devices

  RFVA0016 Datasheet HTML 1Page - RF Micro Devices RFVA0016 Datasheet HTML 2Page - RF Micro Devices RFVA0016 Datasheet HTML 3Page - RF Micro Devices RFVA0016 Datasheet HTML 4Page - RF Micro Devices RFVA0016 Datasheet HTML 5Page - RF Micro Devices RFVA0016 Datasheet HTML 6Page - RF Micro Devices RFVA0016 Datasheet HTML 7Page - RF Micro Devices RFVA0016 Datasheet HTML 8Page - RF Micro Devices RFVA0016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 of 19
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
2
Voltage
Variable
Attenuator
RFIN
RFOUT
4
9
12
16
7
21
28
29
30
31
32
VCC1
IS3_IN
NC
24
RFVA0016
ANALOG CONTROLLED VARIABLE GAIN
AMPLIFIER 400MHz TO 2810MHz
RFMD's RFVA0016 is an integrated analog controlled variable gain amplifier for
broadband applications with external matching to allow for configurations in differ-
ent bands with a single module. It features exceptional linearity over a greater than
30dB gain control range. This variable gain amplifier is controlled by a single 0V to
3.3V positive supply voltage when mode pin is 0V or 5V to 0V positive supply volt-
age when mode pin is 5V. The RFVA0016 is packaged in a small 5.2mm x 5.2mm
leadless laminate MCM which contains thermal vias for ultra-low thermal resis-
tance. This module is external matched to 50
 at each individual band.
Features
Frequency Range 400MHz to
2810MHz
Mode Pin to Switch the
Attenuation Slope
Gain = 25dB Typical
Gain Control Range = >30dB
ACPR > -60dBc Typical at
+10dBm POUT (Dual Carrier
WCDMA)
Small 5.2mm x 5.2mm, Multi-
Chip Module
+5V Supply
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High Linearity Power Control
DS140422
Package: MCM, 32-Pin, 5.2mm x 5.2mm
RFVA0016Ana-
log Controlled
Variable Gain
Amplifier
400MHz to
2810MHz
RFVA0016SQ
Sample bag with 25 pieces
RFVA0016SR
7" Sample reel with 100 pieces
RFVA0016TR7
7" Reel with 750 pieces
RFVA0016TR13
13" Reel with 2500 pieces
RFVA0016PCK-410 2110MHz to 2170MHz PCBA with 5-piece sample bag


Similar Part No. - RFVA0016

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017PCK-410 RFMD-RFVA1017PCK-410 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017SQ RFMD-RFVA1017SQ Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017SR RFMD-RFVA1017SR Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017TR13 RFMD-RFVA1017TR13 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFVA0016

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA2017 RFMD-RFVA2017 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA2007L RFMD-RVA2007L Datasheet
1Mb / 10P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA3007L RFMD-RVA3007L Datasheet
973Kb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com