Electronic Components Datasheet Search
  English  ▼

X  

RFVA0016 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFVA0016
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA0016 Datasheet(HTML) 5 Page - RF Micro Devices

  RFVA0016 Datasheet HTML 1Page - RF Micro Devices RFVA0016 Datasheet HTML 2Page - RF Micro Devices RFVA0016 Datasheet HTML 3Page - RF Micro Devices RFVA0016 Datasheet HTML 4Page - RF Micro Devices RFVA0016 Datasheet HTML 5Page - RF Micro Devices RFVA0016 Datasheet HTML 6Page - RF Micro Devices RFVA0016 Datasheet HTML 7Page - RF Micro Devices RFVA0016 Datasheet HTML 8Page - RF Micro Devices RFVA0016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5 of 19
RFVA0016
DS140422
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: 728MHz to 746MHz Application Circuit
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage Control (V)
Output Return Loss versus Voltage Control
versus Temperature at 735MHz
-40°C
25°C
85°C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage Control (V)
Input Return Loss versus Voltage Control
versus Temperature at 735MHz
-40°C
25°C
85°C
-25
-20
-15
-10
-5
0
726
728
730
732
734
736
738
740
742
744
746
748
Frequency (MHz)
Output Return Loss versus Frequency
versus Voltage Control
0V
1V
1.4V
1.8V
2.2V
-25
-20
-15
-10
-5
0
726
728
730
732
734
736
738
740
742
744
746
748
Frequency (MHz)
Input Return Loss versus Frequency versus
Voltage Control
0V
1V
1.4V
1.8V
2.2
4
6
8
10
12
14
16
18
20
727
729
731
733
735
737
739
741
743
745
747
Frequency (MHz)
Noise Figure versus Frequency versus
Voltage Control
0V
1V
1.4V
1.8V
2.2V
2.6V
-70
-69
-68
-67
-66
-65
-64
-63
-62
-61
-60
-16.0 -15.5 -15.0 -14.5 -14.0 -13.5 -13.0 -12.5 -12.0 -11.5 -11.0 -10.5 -10.0
Input Power (dBm)
ACPR versus Input Power versus
Temperature
Output Power = 10dBm
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com