Electronic Components Datasheet Search
  English  ▼

X  

MRF173 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF173
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF173 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF173 Datasheet HTML 1Page - Tyco Electronics MRF173 Datasheet HTML 2Page - Tyco Electronics MRF173 Datasheet HTML 3Page - Tyco Electronics MRF173 Datasheet HTML 4Page - Tyco Electronics MRF173 Datasheet HTML 5Page - Tyco Electronics MRF173 Datasheet HTML 6Page - Tyco Electronics MRF173 Datasheet HTML 7Page - Tyco Electronics MRF173 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The RF MOSFET Line
RF Power
Field Effect Transistor
N–Channel Enhancement Mode MOSFET
Designed for broadband commercial and military applications up to 200 MHz
frequency range. The high–power, high–gain and broadband performance of
this device make possible solid state transmitters for FM broadcast or TV
channel frequency bands.
• Guaranteed Performance at 150 MHz, 28 V:
Output Power = 80 W
Gain = 11 dB (13 dB Typ)
Efficiency = 55% Min. (60% Typ)
• Low Thermal Resistance
• Ruggedness Tested at Rated Output Power
• Nitride Passivated Die for Enhanced Reliability
• Low Noise Figure — 1.5 dB Typ at 2.0 A, 150 MHz
• Excellent Thermal Stability; Suited for Class A Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
Vdc
Drain–Gate Voltage
VDGO
65
Vdc
Gate–Source Voltage
VGS
±40
Vdc
Drain Current — Continuous
ID
9.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
220
1.26
Watts
W/
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Operating Temperature Range
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
0.8
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VDS = 0 V, VGS = 0 V) ID = 50 mA
V(BR)DSS
65
—
—
V
Zero Gate Voltage Drain Current (VDS = 28 V, VGS = 0 V)
IDSS
—
—
2.0
mA
Gate–Source Leakage Current (VGS = 40 V, VDS = 0 V)
IGSS
—
—
1.0
µA
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 50 mA)
VGS(th)
1.0
3.0
6.0
V
Drain–Source On–Voltage (VDS(on), VGS = 10 V, ID = 3.0 A)
VDS(on)
—
—
1.4
V
Forward Transconductance (VDS = 10 V, ID = 2.0 A)
gfs
1.8
2.2
—
mhos
(continued)
NOTE — CAUTION — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF173
80 W, 28 V, 175 MHz
N–CHANNEL
BROADBAND
RF POWER MOSFET
CASE 211–11, STYLE 2
D
S
G
Order this document
by MRF173/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 10


Similar Part No. - MRF173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF173 MOTOROLA-MRF173 Datasheet
107Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
The RF MOSFET Line 80W, 175MHz, 28V
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
The RF MOSFET Line 80W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF173 NJSEMI-MRF173 Datasheet
103Kb / 2P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF173CQ MOTOROLA-MRF173CQ Datasheet
107Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFETs
More results

Similar Description - MRF173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com